Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCP1201 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # PCP1201
Description  NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

PCP1201 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  PCP1201 Datasheet HTML 1Page - Sanyo Semicon Device PCP1201 Datasheet HTML 2Page - Sanyo Semicon Device PCP1201 Datasheet HTML 3Page - Sanyo Semicon Device PCP1201 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PCP1201
No. A1164-2/4
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=100V, IE=0A
1
μA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=100mA
200
560
Gain-Bandwidth Product
fT
VCE=10V, IC=100mA
130
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
13
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=100mA
100
150
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=100mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
150
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=100μA, RBE=0Ω
150
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
120
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
7
V
Turn-ON Time
ton
See specified Test Circuit.
50
ns
Storage Time
tstg
See specified Test Circuit.
1250
ns
Fall Time
tf
See specified Test Circuit.
60
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7008A-003
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
Top View
Bottom View
0.75
VR
RB
VCC=60V
IC=10IB1= --10IB2=0.5A
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
100
μF470μF
PW=20
μs
IB1
D.C.
≤1%
IB2
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
5mA
2.5
2.0
1.5
1.0
0.5
0
0
0.2
0.4
0.5
0.1
0.3
IB=0mA
IT13533
2.5
2.0
1.5
1.0
0.5
0
02
5
13
4
1mA
20mA
40mA
60mA
80mA
100mA
2mA
IB=0mA
IT13534
10mA
5mA
160mA
120mA
10mA
20mA
40mA
60mA
100mA
120mA
160mA
200mA
80mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com