Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7312 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7312
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7312 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7312 Datasheet HTML 1Page - STMicroelectronics TDA7312 Datasheet HTML 2Page - STMicroelectronics TDA7312 Datasheet HTML 3Page - STMicroelectronics TDA7312 Datasheet HTML 4Page - STMicroelectronics TDA7312 Datasheet HTML 5Page - STMicroelectronics TDA7312 Datasheet HTML 6Page - STMicroelectronics TDA7312 Datasheet HTML 7Page - STMicroelectronics TDA7312 Datasheet HTML 8Page - STMicroelectronics TDA7312 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TDA7312
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
INPUT MULTIPLEXER:
- 4 STEREO INPUTS
FOUR SELECTABLE ADDRESSES
TWO DIGITAL CONTROL OUTPUTS
INPUT
AND
OUTPUT
FOR
EXTERNAL
EQUALIZER OR NOISE REDUCTION SYS-
TEM
VOLUME CONTROL IN 1.25dB STEPS
TREBLE AND BASS CONTROL
TWO SPEAKER ATTENUATORS:
- INDEPENDENT SPEAKERS CONTROL
IN 1.25dB STEPS
- INDEPENDENT MUTE FUNCTION
ALL FUNCTIONS PROGRAMMABLE VIA SE-
RIAL I
2C BUS
DESCRIPTION
The TDA7312 is a volume, tone (bass and treble)
balance (Left/Right) processor for quality audio appli-
cations.
Control is accomplished by serial I
2C bus microproc-
essor interface.
The AC signal setting is obtained by resistor networks
andswitches combined with operationalamplifiers.
Thanks to the used BIPOLAR/CMOS Tecnology,
Low Distortion, Low Noise and Low DC stepping are
obtained.
November 1999
®
SDIP30
ORDERING NUMBER: TDA7312
PIN CONNECTION (Top view)
1/13


Similar Part No. - TDA7312

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TDA7312 TITAN-TDA7312 Datasheet
562Kb / 13P
Digital audio processing circuit
More results

Similar Description - TDA7312

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
May-1991
TDA7309 STMICROELECTRONICS-TDA7309 Datasheet
128Kb / 12P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Sep-1997
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7313N STMICROELECTRONICS-TDA7313N Datasheet
130Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
DIGITAL CONTROLLED AUDIO PROCESSOR
Jul-1998
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
logo
Samsung semiconductor
S1A0501X01 SAMSUNG-S1A0501X01 Datasheet
177Kb / 18P
DIGITAL CONTROLLED AUDIO PROCESSOR
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
STMicroelectronics
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
Digital controlled stereo audio processor with loudness
04-Aug-2006
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com