Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6LP04SS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 6LP04SS
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

6LP04SS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  6LP04SS Datasheet HTML 1Page - Sanyo Semicon Device 6LP04SS Datasheet HTML 2Page - Sanyo Semicon Device 6LP04SS Datasheet HTML 3Page - Sanyo Semicon Device 6LP04SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6LP04SS
No. A1237-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--20V, f=1MHz
15
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
3.5
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
1.0
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
75
ns
Rise Time
tr
See specified Test Circuit.
116
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
665
ns
Fall Time
tf
See specified Test Circuit.
270
ns
Total Gate Charge
Qg
VDS=--30V, VGS=--4V, ID=--100mA
0.58
nC
Gate-to-Source Charge
Qgs
VDS=--30V, VGS=--4V, ID=--100mA
0.14
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--30V, VGS=--4V, ID=--100mA
0.03
nC
Diode Forward Voltage
VSD
IS=--100mA, VGS=0V
--0.91
--1.5
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7029-003
0.25
0.2
1.4
0.45
1
3
2
0.1
2
3
1
Top View
Bottom View
1 : Gate
2 : Source
3 : Drain
SANYO : SSFP
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --50mA
RL=600Ω
Rg
VDD= --30V
VOUT
6LP04SS
VIN
0V
--4V
VIN
Rg=5kΩ
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
--50
--150
--100
0
0
--20
--10
--60
--40
--80
--30
--70
--50
--90
--100
0
--1.0
--0.8
--0.6
--0.1
--0.2
--0.4
--0.9
--0.7
--0.3
--0.5
IT11252
0
--1.0
--0.5
--2.0
--1.5
--2.5
IT11253
VGS=
--1.5V
VDS= --10V
--2.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com