Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7319 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7319
Description  3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7319 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7319 Datasheet HTML 1Page - STMicroelectronics TDA7319 Datasheet HTML 2Page - STMicroelectronics TDA7319 Datasheet HTML 3Page - STMicroelectronics TDA7319 Datasheet HTML 4Page - STMicroelectronics TDA7319 Datasheet HTML 5Page - STMicroelectronics TDA7319 Datasheet HTML 6Page - STMicroelectronics TDA7319 Datasheet HTML 7Page - STMicroelectronics TDA7319 Datasheet HTML 8Page - STMicroelectronics TDA7319 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ELECTRICAL CHARACTERISTICS (VS = 9V; RL = 10K
Ω; f = 1KHz; all control = flat (G = 0); Tamb =
25
°C Refer to the test circuit, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT
Rin
Input Resistance
35
50
65
K
Ω
1st VOLUME CONTROL
CRANGE
Control Range
45
47
49
dB
AVMAX
Maximum Attenuation
45
47
49
dB
Astep
Step Resolution
0.5
1.0
1.5
dB
EA
Attenuation Set Error
G = 0 to -24dB
-1.0
1.0
dB
G = -24 to -47dB
-1.5
1.5
dB
Et
Tracking Error
G = 0 to -24dB
1
dB
G = 24 to -47dB
2
dB
Amute
Mute Attenuation
80
100
dB
VDC
DC Steps
Adiacent Attenuation Steps
0
3
mV
From 0dB to AVMAX
0.5
5
mV
2nd VOLUME CONTROL
CRANGE
Control Range
45
47
49
dB
AVMAX
Maximum Attenuation
45
47
49
dB
Astep
Step Resolution
0.5
1.0
1.5
dB
EA
Attenuation Set Error
G = 0 to -24dB
-1.0
1.0
dB
G = -24 to -47dB
-1.5
1.5
dB
Et
Tracking Error
G = 0 to -24dB
1
dB
G = 24 to -47dB
2
dB
AMUTE
Mute Attenuation
80
100
dB
VDC
DC Steps
Adiacent Attenuation Steps
0
3
mV
From 0dB to AVMAX
0.5
5
mV
BASS
Rb
Internal Feedback Resistance
32
44
56
K
Ω
CRANGE
Control Range
±11.5
±14
±16
dB
Astep
Step Resolution
0.5
1
1.5
dB
MIDDLE
Rb
Internal Feedback Resistance
18
25
32
K
Ω
CRANGE
Control Range
±11.5
±14
±16
dB
Astep
Step Resolution
0.5
1
1.5
dB
TREBLE
CRANGE
Control Range
±13
±14
±15
dB
Astep
Step Resolution
0.5
1
1.5
dB
SUPPLY
VS
Supply Voltage (note1)
6
9
10.5
V
IS
Supply Current
4
7
10
mA
SVR
Ripple Rejection
60
90
dB
AUDIO OUTPUT
Vclip
Clipping Level
d = 0.3%
2
2.6
Vrms
ROl
Output Load Resistance
2
K
Ω
RO
Output Impedance
100
180
300
Ω
VDC
DC Voltage Level
3.8
V
TDA7319
3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com