Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

117ASD Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 117ASD
Description  Aluminum Capacitors Axial, Smallest Diameter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

117ASD Datasheet(HTML) 4 Page - Vishay Siliconix

  117ASD Datasheet HTML 1Page - Vishay Siliconix 117ASD Datasheet HTML 2Page - Vishay Siliconix 117ASD Datasheet HTML 3Page - Vishay Siliconix 117ASD Datasheet HTML 4Page - Vishay Siliconix 117ASD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 28324
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 22-Apr-08
171
117 ASD
Aluminum Capacitors
Axial, Smallest Diameter
Vishay BCcomponents
Table 2
Table 3
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR = 6.3 to 16 V
UR =25 to 40V
UR =63V
50
0.80
0.75
0.70
100
1.00
1.00
1.00
300
1.20
1.30
1.55
1000
1.35
1.55
1.90
3000
1.45
1.70
2.30
≥ 10 000
1.50
1.80
2.50
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
Name of test
Reference
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 85 °C; UR applied;
1500 hours
ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 85 °C; UR and IR applied;
2000 hours
ΔC/C: ± 50 %
tan
δ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 3 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL5 ≤ 2 x spec. limit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com