Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30ETH06 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 30ETH06
Description  Hyperfast Rectifier, 30 A FRED PtTM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30ETH06 Datasheet(HTML) 3 Page - Vishay Siliconix

  30ETH06 Datasheet HTML 1Page - Vishay Siliconix 30ETH06 Datasheet HTML 2Page - Vishay Siliconix 30ETH06 Datasheet HTML 3Page - Vishay Siliconix 30ETH06 Datasheet HTML 4Page - Vishay Siliconix 30ETH06 Datasheet HTML 5Page - Vishay Siliconix 30ETH06 Datasheet HTML 6Page - Vishay Siliconix 30ETH06 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93018
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 23-Jun-08
3
30ETH06
Hyperfast Rectifier,
30 A FRED PtTM
Vishay High Power Products
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
T
J = 175 °C
T
J = 150 °C
T
J = 25 °C
1000
0
3.5
1.5
1
2.5
VF - Forward Voltage Drop (V)
100
0.5
2
3
0.01
0.1
1
10
100
0
200
400
VR - Reverse Voltage (V)
300
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
100
0.001
1000
600
500
0.0001
100
1000
0
200
400
500
600
10
VR - Reverse Voltage (V)
300
100
T
J = 25 °C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
10
0.001
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com