Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150CLZ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 150CLZ
Description  Aluminum Capacitors SMD (Chip), Very Low Z
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150CLZ Datasheet(HTML) 4 Page - Vishay Siliconix

  150CLZ Datasheet HTML 1Page - Vishay Siliconix 150CLZ Datasheet HTML 2Page - Vishay Siliconix 150CLZ Datasheet HTML 3Page - Vishay Siliconix 150CLZ Datasheet HTML 4Page - Vishay Siliconix 150CLZ Datasheet HTML 5Page - Vishay Siliconix 150CLZ Datasheet HTML 6Page - Vishay Siliconix 150CLZ Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
150 CLZ
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip), Very Low Z
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28304
4
Revision: 03-Jul-08
CAPACITANCE (C)
DISSIPATION FACTOR (tan
δ)
EQUIVALENT SERIES RESISTANCE (ESR)
IMPEDANCE (Z)
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb (°C)
C
0
C
Fig.5 Typical multiplier of capacitance as a function
of ambient temperatures
C
0 = capacitance at 20 °C, 100 Hz
1.2
1.0
1.0
0.9
0.8
Curve 1: 10 V
Curve 2: 63 V
1
2
2
1
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb (°C)
Fig.6 Typical multiplier of dissipation factor (tan
δ) as a function
of ambient temperatures
tan
δ
0 = typical tan δ at 20 °C, 100 Hz
100
10
1
0.1
tan
tan
δ
Curve 1: 10 V
Curve 2: 63 V
Fig.7 Typical multiplier of ESR as a function of frequency
ESR
0 = typical at 20 °C, 100 Hz
0.1
10 1
10 2
10 3
10 4
10 5
1
f (Hz)
10
2
2
1
1
ESR0
ESR
Curve 1: 10 V
Curve 2: 63 V
T
amb = 20 °C
Z
( )
Ω
Fig.8 Typical impedance as a function of frequency
100
10
1
0.1
10 1
10 2
10 3
10 4
10 5
f (Hz)
1
3
2
U
R = 10 V
Curve 1: case code 0810, 470 µF
Curve 2: case code 1010, 680 µF
Curve 3: case code 1014, 1000 µF
10
2
10
1
0.1
0.01
Z
( )
Ω
T
amb (20 °C)
Fig.9 Typical impedance as a function of frequency
10 1
10 2
10 3
10 4
10 5
f (Hz)
U
R = 35 V
Curve 1: case code 0810, 100 µF
Curve 2: case code 1010, 220 µF
Curve 3: case code 1014, 330 µF
1
2
3
10
2
10
1
0.1
0.01
Z
( )
Ω
T
amb (20 °C)
Fig.10 Typical impedance as a function of frequency
10 1
10 2
10 3
10 4
10 5
f (Hz)
U
R = 63 V
Curve 1: case code 0810, 47 µF
Curve 2: case code 1010, 68 µF
Curve 3: case code 1014, 100 µF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com