Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7374 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7374
Description  DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7374 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7374 Datasheet HTML 1Page - STMicroelectronics TDA7374 Datasheet HTML 2Page - STMicroelectronics TDA7374 Datasheet HTML 3Page - STMicroelectronics TDA7374 Datasheet HTML 4Page - STMicroelectronics TDA7374 Datasheet HTML 5Page - STMicroelectronics TDA7374 Datasheet HTML 6Page - STMicroelectronics TDA7374 Datasheet HTML 7Page - STMicroelectronics TDA7374 Datasheet HTML 8Page - STMicroelectronics TDA7374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit; VS = 14.4V; RL =4
Ω,Tamb =25°C,
f = 1kHz, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
8
18
V
Id
Total Quiescent Drain Current
RL =
150
mA
PO
Output Power
RL =4
Ω; THD = 10%
17
21
W
d
Distortion
RL =4
Ω PO = 0.1 to 10W
0.5
%
CT
Cross-Talk
f = 1kHz
f = 10kHz
65
55
dB
dB
RIN
Input Impedance
10
K
GV
Voltage Gain
26
dB
GV
Voltage Gain Match.
1
dB
EIN
Input Noise Voltage
Rg = 0 to 10k
Weight A
22Hz to 22KHz
3.5
10
µV
µV
SVR
Supply Voltage Rejection
Rg = 0; f = 100Hz
f = 10kHz
48
55
dB
ASB
Stand-by Attenuation
60
dB
ISB
ST-BY Current
1
µA
VSB ON
ST-BY On Threshold Voltage
1.5
V
VSB OFF
ST-BY Off Threshold Voltage
3.5
V
VOS
Output Offset Voltage
200
mV
ICD OFF
Clipping Detector ”OFF ”
Output Average Current
THD = 1% (*)
100
µA
ICD ON
Clipping Detector ”ON”
Output Average Current
THD = 10% (*)
190
µA
(*) Pin 10 Pulled-up to 5V with 10k
Ω;RL =4Ω
TDA7374B
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com