Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3LP04S Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 3LP04S
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP04S Datasheet(HTML) 3 Page - Sanyo Semicon Device

  3LP04S Datasheet HTML 1Page - Sanyo Semicon Device 3LP04S Datasheet HTML 2Page - Sanyo Semicon Device 3LP04S Datasheet HTML 3Page - Sanyo Semicon Device 3LP04S Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3LP04S
No. A1213-3/4
VGS -- Qg
SW Time -- ID
Ciss, Coss, Crss -- VDS
⏐yfs⏐ -- ID
IS -- VSD
Drain Current, ID -- mA
Drain Current, ID -- mA
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
--4.0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
IT11706
0
--30
--10
--15
--20
--25
--5
IT11705
--10
--100
23
5
72
3
5
7
1.0
7
10
5
3
2
7
100
5
3
2
IT11704
IT11703
IT11702
--1.0
100
10
--10
23
5 7
--100
22
35
7
3
5
7--1000
7
5
3
2
1000
7
5
3
2
--0.8
--1.0
--0.6
--1.2
--1.4
--0.2
--0.4
0
--1.0
--100
--10
7
5
3
2
7
5
3
2
--1000
7
5
3
2
tf
tr
Crss
Coss
Ciss
VDS= --10V
ID= --200mA
VDS= --10V
Ta=
--25
°C
75
°C
25
°C
100
1000
7
5
7
5
3
2
2
VGS=0V
f=1MHz
td(off)
td(on)
VDS= --15V
VGS= --4V
PD -- Ta
Ambient Temperature, Ta --
°C
0
0
20
40
0.04
0.02
0.06
0.08
0.10
0.12
0.16
0.14
0.15
60
80
100
120
140
160
IT13695
When mounted on glass epoxy substrate
(145mm
✕80mm✕1.6mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com