Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3LP04SS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 3LP04SS
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP04SS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  3LP04SS Datasheet HTML 1Page - Sanyo Semicon Device 3LP04SS Datasheet HTML 2Page - Sanyo Semicon Device 3LP04SS Datasheet HTML 3Page - Sanyo Semicon Device 3LP04SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3LP04SS
No. A1214-1/4
Features
•
1.5V drive.
•
Halogen Free compliance.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--200
mA
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--800
mA
Allowable Power Dissipation
PD
When mounted on glass epoxy substrate (145mm
✕80mm✕1.6mm)
0.15
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--100μA
--0.4
--1.4
V
Forward Transfer Admittance
⏐yfs⏐
VDS=--10V, ID=--100mA
190
320
mS
RDS(on)1
ID=--100mA, VGS=--4V
1.8
2.4
Ω
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--50mA, VGS=--2.5V
2.4
3.4
Ω
RDS(on)3
ID=--10mA, VGS=--1.5V
4.5
9.0
Ω
Input Capacitance
Ciss
VDS=--10V, f=1MHz
35
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
7.2
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
2.1
pF
Marking : XW
Continued on next page.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA1214
52808PE TI IM TC-00001373
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
3LP04SS
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications


Similar Part No. - 3LP04SS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
3LP04S SANYO-3LP04S Datasheet
57Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - 3LP04SS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6331 SANYO-MCH6331 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6337 SANYO-MCH6337 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com