Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

153CLV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 153CLV
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

153CLV Datasheet(HTML) 2 Page - Vishay Siliconix

  153CLV Datasheet HTML 1Page - Vishay Siliconix 153CLV Datasheet HTML 2Page - Vishay Siliconix 153CLV Datasheet HTML 3Page - Vishay Siliconix 153CLV Datasheet HTML 4Page - Vishay Siliconix 153CLV Datasheet HTML 5Page - Vishay Siliconix 153CLV Datasheet HTML 6Page - Vishay Siliconix 153CLV Datasheet HTML 7Page - Vishay Siliconix 153CLV Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
153 CLV
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip) Long Life Vertical
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28302
2
Revision: 16-May-08
Table 1
Note
1. Detailed tape dimensions see section ‘PACKAGING’.
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(µF)
UR (V)
6.3
1016
25355063
100
0.47
-----
4.0 x
4.0 x 5.3
--
1.0
-----
4.0 x
4.0 x 5.3
--
2.2
-----
4.0 x
4.0 x 5.3
--
3.3
-----
4.0 x
4.0 x 5.3
--
4.7
----
4.0 x
4.0 x 5.3
5.0 x
5.0 x 5.3
--
10
-
-
4.0 x
4.0 x 5.3
-
5.0 x
5.0 x 5.3
6.3 x
6.3 x 5.3
-
10 x
10 x 12
22
4.0 x
4.0 x 5.3
-
5.0 x
5.0 x 5.3
-
6.3 x
6.3 x 5.3
8.0 x
8.0 x 6.5
-
10 x
10 x12
33
-
5.0 x
5.0 x 5.3
-
6.3 x
6.3 x 5.3
8.0 x
8.0 x 6.5
8.0 x
8.0 x 10
-
10 x
10 x 14
47
5.0 x
5.0 x 5.3
-
6.3 x
6.3 x 5.3
8.0 x
8.0 x 6.5
-
8.0 x
8.0 x 10
10 x
10 x 12
-
100
6.3 x
6.3 x 5.3
-
8.0 x
8.0 x 6.5
8.0 x
8.0 x 10
-
10 x
10 x 10
10 x
10 x 14
-
-----
10 x
10 x 12
--
220
-
8.0 x
8.0 x 10
10 x
10 x 10
10 x
10 x 12
10 x
10 x 12
---
330
8.0 x
8.0 x 10
10 x
10 x 10
10 x
10 x 12
10 x
10 x 14
----
470
10 x
10 x 10
10 x
10 x 12
10 x
10 x 14
-----
680
10 x
10 x 12
10 x
10 x 14
------
1000
10 x
10 x 14
-------
TAPE AND REEL DIMENSIONS in millimeters AND PACKAGING QUANTITIES
CASE CODE
PITCH
P1
TAPE WIDTH
W
TAPE THICKNESS
T2
REEL DIA.
PACKAGING
QUANTITY
PER REEL
0405
8
12
5.8
380
2000
0505
12
12
5.8
380
1000
0605
12
16
5.8
380
1000
0807
12
16
6.8
380
1000
0810
16
24
11.3
380
500
1010
16
24
11.3
380
500
1012
16
24
12.8
330
250
1014
16
24
14.8
330
250



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com