Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL201 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL201
Description  Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL201 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL201 Datasheet HTML 1Page - Vishay Siliconix IL201 Datasheet HTML 2Page - Vishay Siliconix IL201 Datasheet HTML 3Page - Vishay Siliconix IL201 Datasheet HTML 4Page - Vishay Siliconix IL201 Datasheet HTML 5Page - Vishay Siliconix IL201 Datasheet HTML 6Page - Vishay Siliconix IL201 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Optocoupler, Phototransistor Output,
Low Input Current, Low Input Current, with Base Connection
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83613
308
Rev. 1.5, 08-May-08
IL201/IL202/IL203
Vishay Semiconductors
DESCRIPTION
The IL201/IL202/IL203 are optically coupled pairs employing
a gallium arsenide infrared LED and a silicon NPN
phototransistor. Signal information, including a DC level, can
be transmitted by the device while maintaining a high degree
of electrical isolation between input and output. The
IL201/IL202/IL203 can be used to replace relays and
transformers in many digital interface applications, as well as
analog applications such as CRT modulation.
FEATURES
• Guaranteed at IF = 1.0 mA
• High collector emitter voltage, BVCEO = 70 V
• Long term stability
• Industry standard DIP package
• Lead (Pb)-free component
• Component
in
accordance
to
RoHS
2002/95/EC and WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-5 available with option 1
• BSI IEC 60950; IEC 60065
Note
For additional information on the available options refer to option information.
i179004
1
2
3
6
5
4
B
C
E
A
C
NC
ORDER INFORMATION
PART
REMARKS
IL201
CTR 75 to 150 %, DIP-6
IL202
CTR 125 to 250 %, DIP-6
IL203
CTR 225 to 450 %, DIP-6
IL203-X007
CTR 225 to 450 %, SMD-6 (option 7)
IL203-X009
CTR 225 to 450 %, SMD-6 (option 9)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Peak reverse voltage
VR
6.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
70
V
Emitter collector breakdown voltage
BVECO
7.0
V
Collector base breakdown voltage
BVCBO
70
V
Power dissipation
Pdiss
200
mW
Derate linearly from 25 °C
2.6
mW/°C


Similar Part No. - IL201

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL201 SIEMENS-IL201 Datasheet
69Kb / 3P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
IL2010BD INTEGRAL-IL2010BD Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
IL2010BN INTEGRAL-IL2010BN Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
More results

Similar Description - IL201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH608 VISHAY-SFH608 Datasheet
1Mb / 8P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
SFH608 VISHAY-SFH608_08 Datasheet
1Mb / 9P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
MCT5210 VISHAY-MCT5210 Datasheet
138Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
14-Jan-08
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current
20-Apr-04
VO215AT VISHAY-VO215AT Datasheet
130Kb / 9P
Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
02-Dec-08
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
IL215AT VISHAY-IL215AT Datasheet
122Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
08-May-08
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current
31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
Optocoupler, Low Input Current, Phototransistor Output
18-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com