Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR0540 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR0540
Description  Schottky Diode, 0.5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR0540 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR0540 Datasheet HTML 1Page - Vishay Siliconix MBR0540 Datasheet HTML 2Page - Vishay Siliconix MBR0540 Datasheet HTML 3Page - Vishay Siliconix MBR0540 Datasheet HTML 4Page - Vishay Siliconix MBR0540 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93436
2
Revision: 22-Aug-08
MBR0540
Vishay High Power Products
Schottky Diode, 0.5 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
Note
(1)
thermal runaway condition for a diode on its own heatsink
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
0.5 A
TJ = 25 °C
0.480
V
1 A
0.560
0.5 A
TJ = 100 °C
0.420
1 A
0.520
Maximum reverse leakage current
IRM (1)
TJ = 25 °C
VR = 20 V
10
µA
TJ = 100 °C
5
mA
TJ = 25 °C
VR = 40 V
20
µA
TJ = 100 °C
13
mA
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) TJ = 25 °C
60
pF
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 65 to 150
°C
Maximum thermal resistance,
junction to lead
RthJL
Mounted on PC board FR4 with minimum pad size
150
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
1" square pad size (1 x 0.5" for each lead) on FR4 board
200
Approximate weight
0.012
g
Marking device
Case style SOD-123
CYWLC
dP
tot
dT
J
-------------
1
R
thJA
--------------
<



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com