Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7386 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7386
Description  4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7386 Datasheet(HTML) 7 Page - STMicroelectronics

  TDA7386 Datasheet HTML 1Page - STMicroelectronics TDA7386 Datasheet HTML 2Page - STMicroelectronics TDA7386 Datasheet HTML 3Page - STMicroelectronics TDA7386 Datasheet HTML 4Page - STMicroelectronics TDA7386 Datasheet HTML 5Page - STMicroelectronics TDA7386 Datasheet HTML 6Page - STMicroelectronics TDA7386 Datasheet HTML 7Page - STMicroelectronics TDA7386 Datasheet HTML 8Page - STMicroelectronics TDA7386 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
APPLICATION HINTS (ref. to the circuit of fig. 1)
SVR
Besides its contribution to the ripple rejection, the
SVR capacitor governs the turn ON/OFF time se-
quence and, consequently, plays an essential role
in the pop optimization during ON/OFF tran-
sients.To conveniently serve both needs, ITS
MINIMUM RECOMMENDED VALUE IS 10
µF.
INPUT STAGE
The TDA7386’s inputs are ground-compatible and
can stand very high input signals (
± 8Vpk) without
any performances degradation.
If the standard value for the input capacitors
(0.1
µF) is adopted, the low frequency cut-off will
amount to 16 Hz.
STAND-BY AND MUTING
STAND-BY and MUTING facilities are both
CMOS-COMPATIBLE. If unused, a straight con-
nection to Vs of their respective pins would be ad-
missible. Conventional/low-power transistors can
be employed to drive muting and stand-by pins in
absence of true CMOS ports or microprocessors.
R-C cells have always to be used in order to
smooth down the transitions for preventing any
audible transient noises.
Since a DC current of about 10 uA normally flows
out of pin 22, the maximum allowable muting-se-
ries resistance (R2) is 70K
Ω, which is sufficiently
high to permit a muting capacitor reasonably
small (about 1
µF).
If R2 is higher than recommended, the involved
risk will be that the voltage at pin 22 may rise to
above the 1.5 V threshold voltage and the device
will consequently fail to turn OFF when the mute
line is brought down.
About the stand-by, the time constant to be as-
signed in order to obtain a virtually pop-free tran-
sition has to be slower than 2.5V/ms.
Figure 9: Supply Voltage Rejection vs.
Frequency
Figure 10: Crosstalk vs. Frequency
Figure 11: Output Noise vs. Source Resistance
Figure 12: Power Dissipation & Efficiency vs.
Output Power
TDA7386
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com