Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILCT6 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILCT6
Description  Optocoupler, Phototransistor Output, Dual Channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILCT6 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILCT6 Datasheet HTML 1Page - Vishay Siliconix ILCT6 Datasheet HTML 2Page - Vishay Siliconix ILCT6 Datasheet HTML 3Page - Vishay Siliconix ILCT6 Datasheet HTML 4Page - Vishay Siliconix ILCT6 Datasheet HTML 5Page - Vishay Siliconix ILCT6 Datasheet HTML 6Page - Vishay Siliconix ILCT6 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83645
2
Rev. 1.5, 20-Dec-07
ILCT6/MCT6
Vishay Semiconductors
Optocoupler, Phototransistor Output,
Dual Channel
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Rated forward current, DC
60
mA
Peak forward current, DC
1.0 µs pulse, 300 pps
IFM
3.0
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.3
mW/°C
OUTPUT
Collector current
IC
30
mA
Collector emitter breakdown voltage
BVCEO
30
V
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
2.0
mW/°C
COUPLER
Isolation test voltage
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Total package dissipation
Ptot
400
mW
Derate linearly from 25 °C
5.33
mW/°C
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Lead soldering time at 260 °C
10
s
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.25
1.50
V
Reverse current
VR = 3.0 V
IR
0.1
10
µA
Junction capacitance
VF = 0 V
Cj
25
pF
OUTPUT
Collector emitter breakdown voltage
IC = 1.0 µA, IE = 10 µA
BVCEO
30
65
V
Emitter collector breakdown voltage
IC = 10 μA, IE = 10 µA
BVECO
7.0
10
V
Collector emitter leakage current
VCE = 10 V
ICEO
1.0
100
nA
Collector emitter capacitance
VCE = 0 V
CCE
8.0
pF
COUPLER
Saturation voltage, collector emitter
IC = 2.0 mA, IF = 16 mA
VCEsat
0.40
V
Capacitance (input to output)
f = 1.0 MHz
CIO
0.5
pF
Capacitance between channels
f = 1.0 MHz
0.4
pF
Bandwidth
IC = 2.0 mA, VCC = 10 V,
RL = 100 Ω
150
kHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com