Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM-2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IM-2
Description  Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IM-2 Datasheet(HTML) 3 Page - Vishay Siliconix

  IM-2 Datasheet HTML 1Page - Vishay Siliconix IM-2 Datasheet HTML 2Page - Vishay Siliconix IM-2 Datasheet HTML 3Page - Vishay Siliconix IM-2 Datasheet HTML 4Page - Vishay Siliconix IM-2 Datasheet HTML 5Page - Vishay Siliconix IM-2 Datasheet HTML 6Page - Vishay Siliconix IM-2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IM
Vishay Dale
Inductors, Commercial, Molded
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34030
10
Revision: 17-Feb-06
* Measured with full length lead. **Rated DC current based on maximum temperature rise as shown in table.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(µH)
TOL.
Q
MIN.
TEST FREQ.
L & Q (MHz)
SELF-RESONANT*
FREQ. MIN. (MHz)
DCR MAX.
(Ohms)
RATED**
DC CURRENT (mA)
IM-2
5.6
± 10 %
50
7.9
65.0
1.8
185
IM-2
6.8
± 10 %
50
7.9
60.0
2.0
175
IM-2
8.2
± 10 %
55
7.9
55.0
2.7
155
IM-2
10.0
± 10 %
55
7.9
50.0
3.7
130
IM-2
12.0
± 10 %
45
2.5
40.0
2.7
155
IM-2
15.0
± 10 %
40
2.5
35.0
2.8
150
IM-2
18.0
± 10 %
50
2.5
30.0
3.1
145
IM-2
22.0
± 10 %
50
2.5
25.0
3.3
140
IM-2
27.0
± 10 %
50
2.5
20.0
3.5
135
IM-2
33.0
± 10 %
45
2.5
24.0
3.4
130
IM-2
39.0
± 10 %
45
2.5
22.0
3.6
125
IM-2
47.0
± 10 %
45
2.5
20.0
4.5
110
IM-2
56.0
± 10 %
45
2.5
18.0
5.7
100
IM-2
68.0
± 10 %
50
2.5
15.0
6.7
92
IM-2
82.0
± 10 %
50
2.5
14.0
7.3
88
IM-2
100.0
± 10 %
50
2.5
13.0
8
84
IM-2
120.0
± 10 %
30
0.79
12.0
13
66
IM-2
150.0
± 10 %
30
0.79
11.0
15
61
IM-2
180.0
± 10 %
30
0.79
10.0
17
57
IM-2
220.0
± 10 %
30
0.79
9.0
21
52
IM-2
270.0
± 10 %
30
0.79
8.0
25
47
IM-2
330.0
± 10 %
30
0.79
7.0
28
45
IM-2
390.0
± 10 %
30
0.79
6.5
35
40
IM-2
470.0
± 10 %
30
0.79
6.0
42
36
IM-2
560.0
± 10 %
30
0.79
5.0
46
35
IM-2
680.0
± 10 %
30
0.79
4.0
60
30
IM-2
820.0
± 10 %
30
0.79
3.8
65
29
IM-2
1000.0
± 10 %
30
0.79
3.4
72
28
IM-4
0.15
± 20 %
50
25
525.0
0.03
2450
IM-4
0.22
± 20 %
50
25
450.0
0.055
1810
IM-4
0.33
± 20 %
45
25
360.0
0.09
1400
IM-4
0.47
± 20 %
45
25
310.0
0.12
1225
IM-4
0.56
± 10 %
50
25
280.0
0.135
1150
IM-4
0.68
± 10 %
50
25
250.0
0.15
1100
IM-4
0.82
± 10 %
50
25
220.0
0.22
900
IM-4
1.0
± 10 %
50
25
200.0
0.29
785
IM-4
1.2
± 10 %
33
7.9
180.0
0.42
650
IM-4
1.5
± 10 %
33
7.9
160.0
0.50
600
IM-4
1.8
± 10 %
33
7.9
150.0
0.65
525
IM-4
2.2
± 10 %
33
7.9
135.0
0.95
435
IM-4
2.7
± 10 %
33
7.9
120.0
1.20
385
IM-4
3.3
± 10 %
33
7.9
110.0
2.0
300
IM-4
3.9
± 10 %
33
7.9
100.0
2.30
280
IM-4
4.7
± 10 %
33
7.9
90.0
2.60
260
IM-4
5.6
± 10 %
45
7.9
60.0
0.32
495
IM-4
6.8
± 10 %
50
7.9
55.0
0.50
395
IM-4
8.2
± 10 %
50
7.9
50.0
0.60
360
IM-4
10.0
± 10 %
55
7.9
45.0
0.90
290
IM-4
12.0
± 10 %
65
2.5
42.0
1.10
265
IM-4
15.0
± 10 %
65
2.5
40.0
1.40
240
IM-4
18.0
± 10 %
75
2.5
34.0
2.25
185
IM-4
22.0
± 10 %
75
2.5
30.0
2.50
175
IM-4
27.0
± 10 %
60
2.5
25.0
2.60
170
IM-4
33.0
± 10 %
65
2.5
19.0
3.0
165



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com