Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7401 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7401
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7401 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7401 Datasheet HTML 1Page - STMicroelectronics TDA7401 Datasheet HTML 2Page - STMicroelectronics TDA7401 Datasheet HTML 3Page - STMicroelectronics TDA7401 Datasheet HTML 4Page - STMicroelectronics TDA7401 Datasheet HTML 5Page - STMicroelectronics TDA7401 Datasheet HTML 6Page - STMicroelectronics TDA7401 Datasheet HTML 7Page - STMicroelectronics TDA7401 Datasheet HTML 8Page - STMicroelectronics TDA7401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (VS = 9V; RL = 10K
Ω;Rg =50Ω;Tamb =25°C; all gains = 0dB;
f = 1KHz. Refer to the test circuit, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT STAGE: AUX1
RI
Input Resistance
37.5
50
62.5
K
VCL
Clipping Level
d
≤ 0.3%
2.1
2.6
VRMS
SI
Input Separation
80
100
dB
GAIN CONTROL
G MAX
Maximum Input Gain
20
dB
AMAX
Maximum Attenuation
79
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
G = -20 to +20dB
-1.25
0
+1.25
dB
G = -60 to -20dB
-4
3
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adiacent Attenuation Steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
AUDIO OUTPUT (Pin 8 - 9, 10 - 14)
Vclip
Clipping Level
d = 0.3%
2.1
2.6
Vrms
RL
Output Load Resistance
AC coupled
2
K
RO
Output Impedance
30
100
VDC
DC Voltage Level
4.2
4.5
4.8
V
STAGE: HP FILTER
R1
Resistance at pin HP1
HIGHPASS BYTE = XXXX1000
127.5
170
212.5
K
R2
Resistance at pin HP2
1
M
VCL
Clipping Level
d
≤ 0.3%
2.1
2.6
Vrms
MUTE
AMUTE
Mute Attenuation
80
100
dB
VTHM
Mute Threshold
1.2
1.7
2.2
V
RINT
Pullup Resistor (pin 3)
(note 1)
37.5
50
62.5
K
GENERAL
VCC
Supply Voltage
6
9
10.2
V
ICC
Supply Current
7
8
9
mA
PSRR
Power Supply Rejection Ratio
f = 1KHz
60
70
dB
eNO
Output Noise
Non Inverting Output Muted (B =
20 to 20kHz flat)
3.5
15
µV
All Gains 0dB (B = 20 to 20kHz
flat)
515
µV
S/N
Signal to Noise Ratio
All Gains = 0dB; VO =1Vrms
106
dB
SC
Channel Separation
80
100
dB
d
Distortion
VIN =1V
0.01
0.08
%
BUS INPUTS
VIL
Input Low Voltage
0.8
V
VlH
Input High Voltage
2.5
V
IlN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.1
0.4
V
Note 1: Internal pullup resistor to 3.3V; ”LOW” = mute active
TDA7401
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com