Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7427AAD Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7427AAD
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427AAD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7427AAD Datasheet HTML 13Page - STMicroelectronics TDA7427AAD Datasheet HTML 14Page - STMicroelectronics TDA7427AAD Datasheet HTML 15Page - STMicroelectronics TDA7427AAD Datasheet HTML 16Page - STMicroelectronics TDA7427AAD Datasheet HTML 17Page - STMicroelectronics TDA7427AAD Datasheet HTML 18Page - STMicroelectronics TDA7427AAD Datasheet HTML 19Page - STMicroelectronics TDA7427AAD Datasheet HTML 20Page - STMicroelectronics TDA7427AAD Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
c
E1
k
A
be
D
E
Pin 1 identification
14
28
15
TSSO28M
Gage Plane
0.25mm
L
0.076 mm
A1
SEATING PLANE
0.003 inch
SEATING PLANE
A2
A1
TSSOP28 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
0.048
A1
0.05
0.15
0.002
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.0035
0.008
D
9.60
9.70
9.80
0.378
0.382
0.386
E
6.40
0.252
e
0.65
0.026
E1
4.30
4.40
4.50
0.169
0.173
0.177
L
0.45
0.60
0.75
0.018
0.024
0.030
S0
° (min.) 8° (max.)
TDA7427A
19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com