Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7429L Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7429L
Description  3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429L Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7429L Datasheet HTML 1Page - STMicroelectronics TDA7429L Datasheet HTML 2Page - STMicroelectronics TDA7429L Datasheet HTML 3Page - STMicroelectronics TDA7429L Datasheet HTML 4Page - STMicroelectronics TDA7429L Datasheet HTML 5Page - STMicroelectronics TDA7429L Datasheet HTML 6Page - STMicroelectronics TDA7429L Datasheet HTML 7Page - STMicroelectronics TDA7429L Datasheet HTML 8Page - STMicroelectronics TDA7429L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TDA7429L
2/16
Figure 2. Pin Connection
Table 1. Quick Reference Data
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7
9
10.2
V
VCL
Max. input signal handling
2
Vrms
THD
Total Harmonic Distortion V = 1Vrms f = 1KHz
0.01
0.1
%
S/N
Signal to Noise Ratio V out = 1Vrms (mode = OFF )
106
dB
SC
Channel Separation f = 1KHz
90
dB
Treble Control (2db step)
-14
+14
dB
Middle Control (2db step)
-14
+14
dB
Bass Control (2dB step)
-14
+14
dB
Balance Control 1dB step (LCH, RCH)
-79
0
dB
Mute Attenuation
100
dB
1
3
2
4
5
6
7
8
9
AUXOUT_R
AUXOUT_L
L_IN3
L_IN1
L_IN2
MONITOR_L
MONITOR_R
R_IN1
R_IN2
37
36
35
34
33
31
32
30
29
D99AU1028
10
11
12
13
14
42
41
40
39
38
R_IN3
CREF
VS
15
16
MIDDLE_RI
TREBLE_R
TREBLE_L
SCL
SDA
DIG_GND
R_OUT
28
27
26
24
25
23
22
17
18
19
20
21
LP1
N.C.
HP2
L+R OUTPUT
MONO INPUT
BASSO_L
VAR_L
VAR_R
BASSO_R
N.C.
N.C.
N.C.
N.C.
LP
BASS_LO
BASS_LI
BASS_RO
MIDDLE_LO
BASS_RI
MIDDLE_LI
MIDDLE_RO
L_OUT
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com