Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7429S Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7429S
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7429S Datasheet HTML 12Page - STMicroelectronics TDA7429S Datasheet HTML 13Page - STMicroelectronics TDA7429S Datasheet HTML 14Page - STMicroelectronics TDA7429S Datasheet HTML 15Page - STMicroelectronics TDA7429S Datasheet HTML 16Page - STMicroelectronics TDA7429S Datasheet HTML 17Page - STMicroelectronics TDA7429S Datasheet HTML 18Page - STMicroelectronics TDA7429S Datasheet HTML 19Page - STMicroelectronics TDA7429S Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
SDIP42 (0.600”)
Be
B1
D
22
21
42
1
e1
c
E1
E
e2
Gage Plane
.015
0,38
e2
e3
E
SDIP42
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.08
0.20
A1
0.51
0.020
A2
3.05
3.81
4.57
0.120
0.150
0.180
B
0.38
0.46
0.56
0.0149 0.0181 0.0220
B1
0.89
1.02
1.14
0.035
0.040
0.045
c
0.23
0.25
0.38
0.0090 0.0098 0.0150
D
36.58
36.83
37.08
1.440
1.450
1.460
E
15.24
16.00
0.60
0.629
E1
12.70
13.72
14.48
0.50
0.540
0.570
e
1.778
0.070
e1
15.24
0.60
e2
18.54
0.730
e3
1.52
0.060
L
2.54
3.30
3.56
0.10
0.130
0.140
OUTLINE AND
MECHANICAL DATA
TDA7429S - TDA7429T
19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com