Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCS1625 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCS1625
Description  High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS1625 Datasheet(HTML) 3 Page - Vishay Siliconix

  VCS1625 Datasheet HTML 1Page - Vishay Siliconix VCS1625 Datasheet HTML 2Page - Vishay Siliconix VCS1625 Datasheet HTML 3Page - Vishay Siliconix VCS1625 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VCS1625
Vishay Foil Resistors High Precision Foil Surface Mount Current Sensing
Chip Resistors with TCR of ± 2 ppm/°C and
Load Life Stability of ± 0.02 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63023
3
Revision: 19-Feb-08
Note
* For non-standard requests or additional values, please contact application engineering.
TABLE 3 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y08501R50500D9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
0 = standard part, tin/lead termination
9 = standard part, lead (Pb)-free termination
129 = gold plated
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0850 = VCS1625
B = ± 0.1 %
E = ± 0.2 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
K = ± 10.0 %
W = waffle pack
R = tape and reel
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0850 1R50500 D 9 W:
TYPE: VCS1625
VALUES: 1.505
Ω
ABSOLUTE TOLERANCE: ± 0.5 %
TERMINATION: tin plated (lead (Pb)-free)
PACKAGING: bulk pack
HISTORICAL PART NUMBER: VCS1625 1R5050 TCR2 D S W (will continue to be used)
VCS1625
1R50500
TCR2
D
S
W
MODEL
OHMIC VALUE
TEMPERATURE
COEFFICIENT
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
VCS1625
1.505
Ω
B = ± 0.1 %
E = ± 0.2 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
K = ± 10.0 %
S = lead (Pb)-free
B = tin/lead
G = gold plated
W = waffle pack
T = tape and reel
8
50
1
5
0
5
R
Y0
09
0
W
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com