Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSH41 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSH41
Description  BIPOLAR HALL EFFECT POSITION SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSH41 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSH41 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BIPOLAR HALL EFFECT POSITION SENSOR
2007-1-24
1/5
FSH41
GENERAL DESCRIPTION
The FSH41 is an integrated Hall effect latched sensor designed for electronic commutation of brush-less DC motor
applications. The device includes an on-chip Hall voltage generator for magnetic sensing, a comparator that
amplifiers the Hall voltage, and a Schmitt to provide switching hysteresis for noise rejection, and open-collector output.
An internal bandgap regulator is used to provide temperature compensated supply voltage for internal circuits and
allows a wide operating supply range.
A north pole of sufficient strength will turn the output ON. In the absence of a magnetic field, the output is OFF.
FEATURES
Wide operating voltage range: 3.0V~20V
Maximum output sink current 50mA
Package: SIP3
PIN CONFIGURATION
(
Top View)
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Vcc Pin Voltage
20V
Output OFF Voltage,Vce
30V
Output ON Current(Io) (Continuous Current)
50mA
Power Dissipation (Ta=25℃)
400mW
Operating Temperature Range
-40℃~+150℃
Storage Temperature Range
-65℃~+150℃
Junction Temperature
+150℃
Lead Temperature(Soldering,10 sec)
+230℃
Name
No.
Status
Description
Vcc
1
P
IC Power Supply
Gnd
2
P
IC Ground
Output
3
O
It is low state during the N magnetic field
1
3
2
Vcc
Gnd
Output
Sensor
Regulator
Vcc
Output
Gnd
1
3
2
Hall


Similar Part No. - FSH41

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FSH40-X PANDUIT-FSH40-X Datasheet
95Kb / 1P
Fanning Strip System
FSH40-X PANDUIT-FSH40-X Datasheet
485Kb / 5P
Quick-Build™ Harness Board System
1/2016
FSH40-X PANDUIT-FSH40-X Datasheet
1Mb / 8P
Quick-Build Harness Board System
4/2016
logo
FOSLINK SEMICONDUCTOR C...
FSH4913 FOSLINK-FSH4913 Datasheet
246Kb / 10P
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
FSH4913CAD FOSLINK-FSH4913CAD Datasheet
246Kb / 10P
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
More results

Similar Description - FSH41

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
Rev 1
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
TT Electronics.
8150 TTELEC-8150 Datasheet
525Kb / 5P
Hall Effect, Non-Contacting Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com