Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSH4913 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSH4913
Description  MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSH4913 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSH4913 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
FSH4913
2007-7-19
1/10
FUNCTIONAL BLOCK DIAGRAM
TYPICAL APPLICATION
GENERAL DESCRIPTION
The FSH4913 is an Integrated Hall effect sensor
designed specifically to meet the requirements of low-
power devices. e.g. as an On/Off switch in Cellular Flip-
Phones, with battery operating voltages of 2.4V to 5.5V.
Precise magnetic switching points and high temperature
stability are achieved through the unique design of the
internal circuit.
An onboard clock scheme is used to reduce the average
operating current of the IC.
During the operate phase the IC compares the actual
magnetic
field
detected
with
the
internally
compensated switching points. The output is switched
at the end of each operating phase.
During the Stand-by phase the output stage is latched
and the current consumption of the device reduced to
some µA.
The IC switching behavior is Omnipolar, i.e. it can be
switched on with either the North or South pole of a
magnet.
FEATURES
Micro power design
Operation with North or South pole(omni polar)
2.4V to 5.5V battery operation
High sensitivity and high stability of the magnetic
switching points
High resistance to mechanical stress
Digital output signal
Good RF noise immunity
-40℃ to 85℃ operating temperature
Packages: SOT23-3L , TSOT23-3L, SC70-3L,
SIP3L and DFN6L
FSH4913
3
1
2
VDD
VOUT
GND
Output
R=51K
0.1uF
+
-
Awake & Sleep
Timing Logic
Hall Plane
Chopper
Amplifier
Hysteresis
Latch
VOUT
GND
VDD


Similar Part No. - FSH4913

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH4917 FOSLINK-FSH4917 Datasheet
217Kb / 9P
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
FSH4917CAD FOSLINK-FSH4917CAD Datasheet
217Kb / 9P
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
More results

Similar Description - FSH4913

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
AH1885 DIODES-AH1885 Datasheet
97Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1885 Rev. 1
logo
FOSLINK SEMICONDUCTOR C...
FSH4917 FOSLINK-FSH4917 Datasheet
217Kb / 9P
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
logo
Diodes Incorporated
AH1883 DIODES-AH1883_11 Datasheet
228Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
Rev 6
logo
Advanced Power Electron...
APE9105 A-POWER-APE9105 Datasheet
115Kb / 6P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
logo
Major-Power Technology ...
MA7001E MPOWER-MA7001E Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.1
MA7002 MPOWER-MA7002 Datasheet
175Kb / 2P
Ultra-sensitive Hall Effect Switch
Rev.1.2
MA7003 MPOWER-MA7003 Datasheet
119Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.5
MA7004 MPOWER-MA7004 Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.3
MA7006 MPOWER-MA7006 Datasheet
125Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com