Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSH4917CAD Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSH4917CAD
Description  MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSH4917CAD Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSH4917CAD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4917CAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4917CAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4917CAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4917CAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4917CAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4917CAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4917CAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4917CAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
2006-12-22
9/9
FSH4917
2) Taping Size
unit: pcs
Model
Symbol
Taping Count
Packing Tape
FSH4917
5” Reel
2500
Embossed Plastic Tape
3) Reel Dimension
unit: mm
Model
Reel
A
B
C
D
W1
W2
FSH4917
5”
Φ178±1.0
Φ72.0±1.0
Φ62.0±1.0
Φ58.0±0.2
8.4±1.0
1.5±0.3
Packing Type: 2500 EA / REEL, 5 REEL / BOX
40PCS(MIN.)
2500PCS
40PCS(MIN.)
TAPE SEALING
END
START
A
W1
W2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com