Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP2132 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2132
Description  300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2132 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2132 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2132 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2132 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2132 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2132 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2132 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2132 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2132 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2132 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
2007-8-6
1/11
FSP2132
APPLICATIONS
Cordless phones
Cellular phones
Bluetooth earphones
Digital Cameras
Portable electronics
WLANs
MP3 players
PIN CONFIGURATION
(Top View)
PIN DESCRIPTION
BLOCK DIAGRAM
Pin Number
Pin Name
Pin Function
1
VIN
Input
2
GND
Ground
3
EN
Chip Enable (active high)
4
BYP
Bypass pin, need a 10µF capacitor connected to GND
5
VOUT
Output
FEATURES
Low dropout voltage: 180mV at 300mA (Vo=3.3V)
Quiescent current: Typ. 65µA
2% Voltage Accuracy
High PSRR: 70dB at 1KHz
Thermal Shutdown
Current Limiting
Excellent line and load regulation
Fast response
Short circuit protection
Low temperature coefficient
Shutdown current: 0.5µA
Space saving SOT23-5L package
GENERAL DESCRIPTION
The FSP2132 series of positive voltage linear
regulators feature low quiescent current (Typ. 65µA)
and low dropout voltage, making them ideal for battery
powered applications. Their high PSRR make them
useful in applications where AC noise on the input
power supply must be suppressed. Space saving
SOT23-5L package is attractive for portable and
handheld applications. They have both thermal
shutdown and a current limit feature to prevent device
failure from extreme operating conditions. They are
stable with an output capacitor of 2.2µF or greater.
5
4
1
2
3


Similar Part No. - FSP2132

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2130C18AD FOSLINK-FSP2130C18AD Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2130C25AD FOSLINK-FSP2130C25AD Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2130C285AD FOSLINK-FSP2130C285AD Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2130C28AD FOSLINK-FSP2130C28AD Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
More results

Similar Description - FSP2132

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com