Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7439B Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7439B
Description  THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7439B Datasheet HTML 11Page - STMicroelectronics TDA7439B Datasheet HTML 12Page - STMicroelectronics TDA7439B Datasheet HTML 13Page - STMicroelectronics TDA7439B Datasheet HTML 14Page - STMicroelectronics TDA7439B Datasheet HTML 15Page - STMicroelectronics TDA7439B Datasheet HTML 16Page - STMicroelectronics TDA7439B Datasheet HTML 17Page - STMicroelectronics TDA7439B Datasheet HTML 18Page - STMicroelectronics TDA7439B Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17/19
TDA7439
Figure 32. SDIP30 Mechanical Data & Package Dimensions
SDIP30 (0.400")
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.08
0.20
A1
0.51
0.020
A2
3.05
3.81
4.57
0.12
0.15
0.18
B
0.36
0.46
0.56
0.014
0.018
0.022
B1
0.76
0.99
1.40
0.030
0.039
0.055
C
0.20
0.25
0.36
0.008
0.01
0.014
D
27.43
27.94
28.45
1.08
1.10
1.12
E
10.16
10.41
11.05
0.400
0.410
0.435
E1
8.38
8.64
9.40
0.330
0.340
0.370
e
1.778
0.070
e1
10.16
0.400
L
2.54
3.30
3.81
0.10
0.13
0.15
M0
°(min.), 15°(max.)
S
0.31
0.012
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com