Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP1084K25 Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1084K25
Description  5A LOW DROPOUT LINEAR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1084K25 Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1084K25 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K25 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K25 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K25 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K25 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K25 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K25 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K25 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K25 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
5A LOW DROPOUT LINEAR REGULATOR
2007-4-6
9/9
FSP1084
(3) TO252-2L
Notes:
1. JEDEC Outline:TO-252 AB
2. Mils suggested for positive contact at mounting
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
2.18
2.29
2.38
0.086
0.090
0.094
A1
1.08
1.15
1.32
0.043
0.045
0.052
b
0.64
0.78
0.025
0.031
b2
5.23
5.35
5.43
0.206
0.211
0.214
C
0.51TYP.
0.020TYP.
C1
0.46
0.52
0.58
0.018
0.020
0.023
D
5.33
5.57
5.80
0.210
0.219
0.228
E
6.38
6.58
6.68
0.251
0.259
0.263
e
2.24
2.34
0.088
0.092
e1
4.48
4.68
0.176
0.184
H
9.00
9.70
10.40
0.354
0.382
0.409
L
0.51
0.020
L1
0.65
0.83
0.95
0.026
0.033
0.037
L2
1.52
1.78
2.03
0.060
0.070
0.080
b2
E
b
e
e1
2.25
1.2
5.6
Land Pattern Recommendation (Unit : mm)
H
L
SEATING PLANE
C1
SEE NOTE2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com