Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP1084D Datasheet(PDF) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1084D
Description  5A LOW DROPOUT LINEAR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1084D Datasheet(HTML) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1084D Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084D Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
5A LOW DROPOUT LINEAR REGULATOR
2007-4-6
7/9
FSP1084
PACKAGE INFORMATION
(1) TO220-3L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
3.56
4.20
4.82
0.140
0.165
0.190
b1
1.16
1.46
1.76
0.046
0.057
0.069
b
0.51
0.813
1.14
0.020
0.032
0.045
C
0.356
0.406
0.014
0.016
D
14.20
15.35
16.50
0.559
0.604
0.650
E
9.66
10.20
10.66
0.380
0.402
0.420
e
2.29
2.54
2.79
0.090
0.100
0.110
e1
4.83
5.08
5.33
0.190
0.200
0.210
F
0.55
0.95
1.35
0.022
0.037
0.053
H1
5.84
6.35
6.86
0.230
0.250
0.270
J1
2.08
2.48
2.88
0.082
0.098
0.113
L
12.72
13.72
14.72
0.501
0.540
0.580
L1
3.66
5.00
6.35
0.144
0.197
0.250
P
3.56
3.81
4.06
0.140
0.150
0.160
Q
2.58
2.98
3.38
0.102
1.117
0.133
b1
e1
E
P
e
b
C
J1
A
F
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com