Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR024TRPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRLR024TRPBF
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLR024TRPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  IRLR024TRPBF Datasheet HTML 1Page - Vishay Siliconix IRLR024TRPBF Datasheet HTML 2Page - Vishay Siliconix IRLR024TRPBF Datasheet HTML 3Page - Vishay Siliconix IRLR024TRPBF Datasheet HTML 4Page - Vishay Siliconix IRLR024TRPBF Datasheet HTML 5Page - Vishay Siliconix IRLR024TRPBF Datasheet HTML 6Page - Vishay Siliconix IRLR024TRPBF Datasheet HTML 7Page - Vishay Siliconix IRLR024TRPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91322
2
S-81431-Rev. A, 21-Jul-08
IRLR024, IRLU024, SiHLR024, SiHLU024
Vishay Siliconix
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-
-
110
°C/W
Maximum Junction-to-Ambient
(PCB Mount)a
RthJA
--
50
Maximum Junction-to-Case (Drain)
RthJC
--
3.0
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
60
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.068
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
-
2.0
V
Gate-Source Leakage
IGSS
VGS = ± 10 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
-
-
25
µA
VDS = 48 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 5.0 V
ID = 8.4 Ab
-
-
0.10
Ω
VGS = 4.0 V
ID = 7.0 Ab
-
-
0.14
Forward Transconductance
gfs
VDS = 25 V, ID = 8.4 Ab
7.3
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
870
-
pF
Output Capacitance
Coss
-
360
-
Reverse Transfer Capacitance
Crss
-53
-
Total Gate Charge
Qg
VGS = 5.0 V
ID = 17 A, VDS = 48 V,
see fig. 6 and 13b
--
18
nC
Gate-Source Charge
Qgs
--
4.5
Gate-Drain Charge
Qgd
--
12
Turn-On Delay Time
td(on)
VDD = 30 V, ID = 17 A,
RG = 9.0 Ω, RD = 1.7 Ω, see fig. 10b
-11
-
ns
Rise Time
tr
-
110
-
Turn-Off Delay Time
td(off)
-23
-
Fall Time
tf
-41
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contactc
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
14
A
Pulsed Diode Forward Currenta
ISM
--
56
Body Diode Voltage
VSD
TJ = 25 °C, IS = 14 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 17 A, dI/dt = 100 A/µsb
-
130
260
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.75
1.5
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com