Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS17AR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BFS17AR
Description  Silicon NPN Planar RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFS17AR Datasheet(HTML) 5 Page - Vishay Siliconix

  BFS17AR Datasheet HTML 1Page - Vishay Siliconix BFS17AR Datasheet HTML 2Page - Vishay Siliconix BFS17AR Datasheet HTML 3Page - Vishay Siliconix BFS17AR Datasheet HTML 4Page - Vishay Siliconix BFS17AR Datasheet HTML 5Page - Vishay Siliconix BFS17AR Datasheet HTML 6Page - Vishay Siliconix BFS17AR Datasheet HTML 7Page - Vishay Siliconix BFS17AR Datasheet HTML 8Page - Vishay Siliconix BFS17AR Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BFS17A / BFS17AR / BFS17AW
Document Number 85039
Rev. 1.6, 08-Sep-08
Vishay Semiconductors
www.vishay.com
5
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Total Power Dissipation vs. Ambient Temperature
Figure 2. Transition Frequency vs. Collector Current
Figure 3. Collector Base Capacitance vs. Collector Base Voltage
0
50
100
150
200
250
300
020
40
60
80
100 120 140 160
96 12159
Tamb - Ambient Temperature (°C)
0
500
1000
1500
2000
2500
3000
3500
4000
0
5
10
15
20
25
30
IC – Collector Current ( mA )
13605
VCE =5V
f = 300 MHz
0.0
0.2
0.4
0.6
0.8
1.0
0
4
8
12
16
20
VCB – Collector Base Voltage(V)
13606
f=1MHz
Figure 4. Noise Figure vs. Collector Current
0
1
2
3
4
5
0
5
10
15
20
25
30
IC – Collector Current ( mA )
13607
VCE =5V
f = 800 MHz
ZS =50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com