Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS17AW Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BFS17AW
Description  Silicon NPN Planar RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFS17AW Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button BFS17AW Datasheet HTML 2Page - Vishay Siliconix BFS17AW Datasheet HTML 3Page - Vishay Siliconix BFS17AW Datasheet HTML 4Page - Vishay Siliconix BFS17AW Datasheet HTML 5Page - Vishay Siliconix BFS17AW Datasheet HTML 6Page - Vishay Siliconix BFS17AW Datasheet HTML 7Page - Vishay Siliconix BFS17AW Datasheet HTML 8Page - Vishay Siliconix BFS17AW Datasheet HTML 9Page - Vishay Siliconix BFS17AW Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number 85039
Rev. 1.6, 08-Sep-08
BFS17A / BFS17AR / BFS17AW
Vishay Semiconductors
VCE = 8 V, IC = 25 mA, Z0 = 50 Ω
S11
S12
S21
S22
Figure 5. Input Reflection Coefficient
Figure 6. Reverse Transmission Coefficient
13550
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
0.2
1
2
5
2.0 GHz
1.0
0.1
0.3
∞
13551
0°
90 °
180 °
–90°
0.08
0.16
–150 °
–120 °
–60°
–30 °
120 °
150 °
30 °
2.0 GHz
0.5
1.0
0.1
1.5
Figure 7. Forward Transmission Coefficient
Figure 8. Output Reflection Coefficient
13552
0°
90 °
180 °
–90 °
10
20
–150 °
–120 °
–60°
–30°
120 °
150 °
60 °
30 °
2.0 GHz
0.3
0.1
13553
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
0.2
0.5
1
5
2.0 GHz
0.8
0.1
∞



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com