Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7451 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7451
Description  4x7W OR 2x22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7451 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7451 Datasheet HTML 1Page - STMicroelectronics TDA7451 Datasheet HTML 2Page - STMicroelectronics TDA7451 Datasheet HTML 3Page - STMicroelectronics TDA7451 Datasheet HTML 4Page - STMicroelectronics TDA7451 Datasheet HTML 5Page - STMicroelectronics TDA7451 Datasheet HTML 6Page - STMicroelectronics TDA7451 Datasheet HTML 7Page - STMicroelectronics TDA7451 Datasheet HTML 8Page - STMicroelectronics TDA7451 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit; VS = 14.4V; RL =4
Ω,Tamb =25°C,
f = 1kHz, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GENERAL
Iq
Total Quiescent Current
IL01,IL02,IL03 = 5mA
80
150
mA
VSB IN
ST-BY IN Threshold Voltage
1.5
V
VSB OUT
ST-BY OUT Threshold Voltage
3.5
V
IST-BY
Stand-by Current Consumption
IL01 = 2mA
0.5
mA
AUDIO SECTION
PO
Output Power
RL =4
Ω; THD = 10%
Bridge
Single Ended
19
6
22
7
W
W
Po EIAJ
EIAJ Output Power (**)
VS = 13.7V
Bridge
Single Ended
26
7.5
28
8.5
W
W
Po max.
Max. Output Power (**)
VS = 14.4V
Bridge
Single Ended
30
8
32
9.5
W
W
d
Distortion
RL =4
Ω;
Single Ended, PO = 0.1 to 3W
Bridge, PO = 0.1 to 8W
0.04
0.06
0.3
0.3
%
%
CT
Cross Talk
f = 1kHz; Rg =0
f = 10kHz; Rg =0
50
60
55
dB
dB
RIN
Input Impedance
Single Ended
Bridge
70
35
100
50
130
65
K
K
GV
Voltage Gain
Single Ended
Bridge
19
25
20
26
21
27
dB
dB
GV
Voltage Gain Match.
1
dB
BW
Bandwidth
-3dB
100
KHz
ENO
Output Noise Voltage (*)
Rg = 0; Single Ended
100
µV
SVR
Supply Voltage Rejection
Rg = 0; f = 100Hz; Single Ended
48
55
dB
ASB
Stand-by Attenuation
90
100
dB
IPIN 8
ST-BY Pin Current
Play mode; Vpin8 = 5V
-10
30
µA
AM
MUTE Attenuation
80
90
dB
VMIN
MUTE IN Threshold Voltage
1.5
V
VM OUT
MUTE OUT Threshold Voltage
3.5
V
ICD
Clipping Detector Current
(Pull up to 5V with 10K
Ω)
CDoff: Pomin = 3.5W
5
µA
CDon: THD = 5%
50
190
280
µA
POWER SUPPLY SECTION
VO1
Output Voltages
I01 = 5mA
4.85
5
5.15
V
∆VO1
Load Regulation 1
I01 = 5 to 150mA
80
mV
ILO1
Current Limit
V01 = 0V
250
350
600
mA
∆VO1
Dropout Voltages
I01 = 150mA
700
mV
SVR
Ripple Rejection
Vripple = 1Vpp; I01 = 50mA
f = 100Hz
f = 10KHz
60
50
dB
dB
∆VO1
Line Regulation 1
VS = 8 to 18V; IO1 = 5mA
10
40
mV
RESET
Reset On
Low VREG1 Reset On Threshold
3.5
4.0
4.7
V
Reset Off
Low VREG1 Reset Off Threshold
4.25
V
Reset Hyst
Reset Threshold Hysteresis vs
Reg 1
250
500
mV
Vout on Reset
Reset Output Voltage
Reset activated
R(Reset to VReg1)
≥ 15K
1.5
V
(*) 22Hz to 22KHz
TDA7451
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com