Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP2200CALZ Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2200CALZ
Description  3 PIN MICROPROCESSOR RESET MONITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2200CALZ Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2200CALZ Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200CALZ Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3 PIN MICROPROCESSOR RESET MONITORS
FSP2200
2007-2-8
1/7
PIN CONFIGURATION
(Top View)
Pin
Name
Function
1
GND
Ground reference
2
RESET
Active-low output. RESET remains low while VCC is below the reset threshold,
and for a reset timeout period after VCC rises above the reset threshold.
3
VCC
Supply voltage (typ.)
TYPICAL OPERATION CIRCUIT
GENERAL DESCRIPTION
The FSP2200 is a microprocessor supervisory circuits
used to monitor the power supplies in MPU and digital
systems. They provide excellent circuit reliability and
low cost by eliminating external components and
adjustments when used with +5V, +3.3V, +3.0V, or
+2.5V powered circuits
These curcuits perform a single function: they assert a
reset signal whenever the Vcc supply voltage declines
below a preset threshold, keeping it asserted for at
least 140ms after Vcc has risen above the reset
threshold. Reset thresholds suitable for operation whit
a variety of supply voltages are available. The
FSP2200 have push-pull outputs, an active-low
RESET output. The reset comparator is designed to
ignore fast transients on Vcc, and the outputs are
guaranteed to be in the correct logic state for Vcc down
to 1V. Low supply current makes the FSP2200 ideal for
use in portable equipment. The FSP2200 are available
in SOT323-3L or SOT23-3L packages.
FEATURES
Precision VCC Monitor for 2.5 V, 3.0V, 3.3 V, and
5.0 V Supplies
Fully Specified Over Temperature
Available in Three Output Configurations
Push-Pull RESET Output
140ms min Power-On Reset Pulse Width
12µA Supply Current
Guaranteed Reset Valid to Vcc=+1V
Power Supply Transient Immunity
No External Components
SOT323-3L and SOT23-3L Packages
APPLICATIONS
Computers
Controllers
Intelligent Instruments
Critical MPU and MPU Power Monitoring
Portable/Battery-Powered Equipment
Automotive
3
1
2
RESET
GND
VCC


Similar Part No. - FSP2200CALZ

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP220-20FGBBD FSP-FSP220-20FGBBD Datasheet
81Kb / 1P
IPC PSU
logo
Sparkle Power Inc.
FSP220-50LH SPI-FSP220-50LH Datasheet
35Kb / 1P
220 Watts Flex ATX Switching Power Supply
logo
FSP TECHNOLOGY INC.
FSP220-50LH FSP-FSP220-50LH Datasheet
152Kb / 1P
IPC PSU
FSP220-60LE FSP-FSP220-60LE Datasheet
155Kb / 1P
IPC PSU
logo
Sparkle Power Inc.
FSP220-60MPC SPI-FSP220-60MPC Datasheet
470Kb / 1P
220 Watts FLEX ATX Medical Grade Power Supply
More results

Similar Description - FSP2200CALZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
Microprocessor Reset Monitors
01-Nov-02
logo
Microchip Technology
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
3-PIN MICROPROCESSOR RESET MONITORS
logo
ON Semiconductor
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
3-Pin Microcontroller Reset Monitors
11/29/12
logo
ON Semiconductor
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com