Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3100CAD Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3100CAD
Description  1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3100CAD Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3100CAD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100CAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
2007-1-29
2/11
FSP3100
BLOCK DIAGRAM
For Adjustable Output R1+R2 is external.
THERMAL RESISTANCE (NOTE 1)
Package
θJA (℃/W)
θJC (℃/W)
SOT23-5L
250
110
Note 1: Thermal Resistance is specified with approximately 1 square of 1 oz cooper.
ABSOLUTE MAXIMUM RATINGS (NOTE 2)
Parameter
Rating
Unit
Input Supply Voltage
-0.3 to +6
V
RUN, VFB Voltages
-0.3 to VIN +0.3
V
SW,Vout Voltages
-0.3 to VIN+0.3
V
Peak SW Sink and Source Current
1.5
A
Operating Temperature Range
-40 to +85
℃
Junction Temperature (Note 3)
+125
℃
Storage Temperature Range
-65 to 150
℃
Lead Temperature ( solding, 10 sec.)
+300
℃
Note 2: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 3: TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula:
TJ=TA+PD×θJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com