Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP3604 Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3604
Description  3W HIGH POWER WHITE LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3604 Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3604 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3604 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3W HIGH POWER WHITE LED DRIVER
2007-7-13
2/6
FSP3604
ABSOLUTE MAXIMUM RATINGS
(NOTE 1)
Parameter
Rating
Unit
VIN
- 0.3 ~ +6
V
VSW
- 0.3 ~ +6
A
FB SHDN Voltages
- 0.3 ~ +6
℃
Operating Temperature Range
- 40 ~ +85
℃
Operating Junction Temperature
-40~+125
℃
Lead Temperature (Soldering 5 sec.)
+ 300
℃
Internal Power Dissipation
400
mW
250(θJA)
Thermal Resistance
130(θJC)
℃
/W
Storage Temperature Range
- 65 ~ +125
℃
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
ELECTRICAL CHARACTERISTICS
(VIN= 2.4V, ILED=750mA, VSHDN=VIN, L=2.2uH, CIN=10uF, CO=10uF, TA=25℃, Unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
Input Voltage Range
0.9
VF-0.2
(Note 2)
V
Start-Up Voltage
VIN: 0V→2.4V, ILED = 100mA
0.7
0.9
V
Hold Voltage
VIN: 2.4V→0V, ILED : 750mA→200mA
0.75
V
Switching Frequency
0.85
1.0
1.15
MHz
SHDN Input High
VIN = 1.8V
1.0
SHDN Input Low
VIN = 1.8V
0.4
V
Feedback Voltage
90
95
100
mV
Over Temperature Shutdown
150
℃
Over Temperature Hysteresis
15
℃
Maximum Output Current
Range
750
mA
Quiescent Current
ILED = 0mA, VO = 3.4V
Device Switching at 1MHz
1
3
mA
Shutdown current
Shutdown mode
1
uA
Switch on Resistance
VO = 3.4V
0.1
Ω
Current Limit
VO = 3.4V
2
A
Efficiency
ILED = 750mA
90
%
Note 2: VF: LED Forward Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com