Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP34063SAD Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP34063SAD
Description  UNIVERSAL DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP34063SAD Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP34063SAD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063SAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UNIVERSAL DC/DC CONVERTER
2007-1-25
3/10
FSP34063
used, the following output drive condition is recommended:
Forced βof output switch:
7.0
C
C
I output
I driver
mA
∗ ≥
−
10
*The 100Ω resistor in the emitter of the driver device requires about 7.0mA before the output switch conducts.
APPLICATION CIRCUITS
(1) Step-Up Converter
Test
Conditions
Results
Line Regulation
Vin=9V to 12V, IO=200mA
20mV=0.035%
Load Regulation
Vin=12V, IO=50mA to 200mA
15mV=0.035%
Output Ripple
Vin=12V, IO=200mA
500mVPP
Efficiency
Vin=12V, IO=200mA
80%
Vin
-
+
470µF
5
8
56k
4
Ipk
R2
120µH
Comparator
10k
1
R1
Vout
Q1
180
Vout
R
Vcc
Q2
Optional Filter
0.24
CT
100
IN5189
Rsc
2
1.0µH
28V/200mA
12V
Oscillator
7
S
3
1.25V
CT
6
Reference
pF
470µF
Regulator
680
Q
Co



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com