Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB20150S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VB20150S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB20150S Datasheet(HTML) 1 Page - Vishay Siliconix

  VB20150S Datasheet HTML 1Page - Vishay Siliconix VB20150S Datasheet HTML 2Page - Vishay Siliconix VB20150S Datasheet HTML 3Page - Vishay Siliconix VB20150S Datasheet HTML 4Page - Vishay Siliconix VB20150S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
V20150S, VF20150S, VB20150S & VI20150S
Vishay General Semiconductor
Document Number: 89059
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.55 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power
losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB, ITO-220AB
and TO-262AA package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency inverters, switching power
supplies, freewheeling diodes, OR-ing diode, dc-to-dc
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB,
ITO-220AB,
TO-263AB
and
TO-262AA
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
20 A
VRRM
150 V
IFSM
160 A
VF at IF = 20 A
0.75 V
TJ max.
150 °C
PIN 1
PIN 2
PIN 3
K
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
CASE
PIN 3
TO-220AB
V20150S
1
2
3
TMBS
®
VI20150S
TO-262AA
VB20150S
NC
A
K
HEATSINK
NC
A
K
TO-263AB
1
K
2
3
VF20150S
ITO-220AB
1
2
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V20150S
VF20150S
VB20150S
VI20150S
UNIT
Maximum repetitive peak reverse voltage
VRRM
150
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
20
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
160
A
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - VB20150S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB20150S-E3 VISHAY-VB20150S-E3 Datasheet
152Kb / 6P
High Voltage Trench MOS Barrier Schottky Rectifier
13-Aug-13
VB20150S-E3 VISHAY-VB20150S-E3 Datasheet
143Kb / 5P
High Voltage Trench MOS Barrier Schottky Rectifier
13-Aug-13
VB20150S-E3 VISHAY-VB20150S-E3 Datasheet
217Kb / 6P
High Voltage Trench MOS Barrier Schottky Rectifier
18-Jun-2018
logo
Inchange Semiconductor ...
VB20150S-E3 ISC-VB20150S-E3 Datasheet
321Kb / 2P
Schotty Barrier Diode
logo
Vishay Siliconix
VB20150S-E3/4W VISHAY-VB20150S-E3/4W Datasheet
163Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
More results

Similar Description - VB20150S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
19-May-08
V30120S VISHAY-V30120S_08 Datasheet
165Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
19-May-08
V40150C VISHAY-V40150C Datasheet
168Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
19-May-08
VB20150S-M3 VISHAY-VB20150S-M3 Datasheet
89Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5.0 A
30-Jun-14
V20M120C VISHAY-V20M120C Datasheet
141Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
13-Dec-16
V30M120M-E3 VISHAY-V30M120M-E3 Datasheet
100Kb / 4P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
11-May-16
V40M150C-M3 VISHAY-V40M150C-M3 Datasheet
128Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
10-May-16
VB20M120C-E3 VISHAY-VB20M120C-E3 Datasheet
92Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
03-Jan-17
VF20M120C-M3 VISHAY-VF20M120C-M3 Datasheet
91Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
02-Dec-13
V40150C-E3 VISHAY-V40150C-E3 Datasheet
157Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
13-Dec-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com