Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB30100S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VB30100S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB30100S Datasheet(HTML) 2 Page - Vishay Siliconix

  VB30100S Datasheet HTML 1Page - Vishay Siliconix VB30100S Datasheet HTML 2Page - Vishay Siliconix VB30100S Datasheet HTML 3Page - Vishay Siliconix VB30100S Datasheet HTML 4Page - Vishay Siliconix VB30100S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
V30100S, VF30100S, VB30100S & VI30100S
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88941
Revision: 31-Jul-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 10 mA
TA = 25 °C
VBR
105 (minimum)
-
V
Instantaneous forward voltage (1)
IF = 5 A
IF = 10 A
IF = 30 A
TA = 25 °C
VF
0.47
0.55
0.80
-
-
0.91
V
IF = 5 A
IF = 10 A
IF = 30 A
TA = 125 °C
0.39
0.49
0.69
-
-
0.78
Reverse current (2)
VR = 70 V
TA = 25 °C
TA = 125 °C
IR
27
11
-
-
µA
mA
VR = 100 V
TA = 25 °C
TA = 125 °C
70
23
1000
45
µA
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V30100S
VF30100S
VB30100S
VI30100S
UNIT
Typical thermal resistance
RθJC
2.0
4.0
2.0
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
V30100S-E3/45
1.875
45
50/tube
Tube
ITO-220AB
VF30100S-E3/45
1.805
45
50/tube
Tube
TO-263AB
VB30100S-E3/4W
1.380
4W
50/tube
Tube
TO-263AB
VB30100S-E3/8W
1.380
8W
800/reel
Tape and reel
TO-262AA
VI30100S-E3/4W
1.455
4W
50/tube
Tube
Figure 1. Forward Current Derating Curve
35
30
25
20
15
10
5
0
0
25
50
75
100
125
150
VI(B)30100S
VF30100S
Case Temperature (°C)
Resistive or Inductive Load
Mounted on Specific heatsink
Figure 2. Forward Power Loss Characteristics
0
4
8
12
16
20
24
28
32
04
8
12
16
20
24
28
32
36
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com