Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7461ND Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7461ND
Description  CAR RADIO SIGNAL PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7461ND Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7461ND Datasheet HTML 22Page - STMicroelectronics TDA7461ND Datasheet HTML 23Page - STMicroelectronics TDA7461ND Datasheet HTML 24Page - STMicroelectronics TDA7461ND Datasheet HTML 25Page - STMicroelectronics TDA7461ND Datasheet HTML 26Page - STMicroelectronics TDA7461ND Datasheet HTML 27Page - STMicroelectronics TDA7461ND Datasheet HTML 28Page - STMicroelectronics TDA7461ND Datasheet HTML 29Page - STMicroelectronics TDA7461ND Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Speaker Attenuation (LF, LR, RF, RR)
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
11
0
0
:
0
0
0
0
0
0
0
0
0
1
0
0
:
1
1
1
1
1
1
1
1
1
0
0
:
0
1
1
1
1
1
1
1
1
0
0
:
1
0
0
0
0
1
1
1
1
0
0
:
1
0
0
1
1
0
0
1
1
0
1
:
1
0
1
0
1
0
1
0
1
Attenuation
0dB
-1dB
:
-23dB
-24.5dB
-26dB
-28dB
-30
-32dB
-35dB
-40dB
-50dB
Speaker Mute
Must be ”1” (except RF, RR speaker; see below)
0
0
1
1
0
1
0
1
Blank Time adj. (subaddress speaker RR)
38
µs
25.5
µs
32
µs
22
µs
0
1
Output selector for pins 15 and 16.
(subaddress spaeaker RF)
Stereodecoder output selected
Input multiplexer output selected
TDA7461N
26/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com