Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7464 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7464
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7464 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7464 Datasheet HTML 13Page - STMicroelectronics TDA7464 Datasheet HTML 14Page - STMicroelectronics TDA7464 Datasheet HTML 15Page - STMicroelectronics TDA7464 Datasheet HTML 16Page - STMicroelectronics TDA7464 Datasheet HTML 17Page - STMicroelectronics TDA7464 Datasheet HTML 18Page - STMicroelectronics TDA7464 Datasheet HTML 19Page - STMicroelectronics TDA7464 Datasheet HTML 20Page - STMicroelectronics TDA7464 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
20
µA
V
S
D95AU234
SW
GND
PIN: NBLIN, NBRIN
10K
VS
D95AU233A
20
µA
GND
GND
PIN: VOUT REF
25K
VS
D95AU309
20
µA
GND
PIN: TREBLE-L, TREBLE-R
45K
or
25K
VS
D95AU231A
20
µA
BASS-RO,MIDDLE-LO,MIDDLE-RO
BASS-LO
GND
: Bass
: MIDDLE
PIN: BASS-LI,BASS-RI,MIDDLE-LI,MIDDLE-RI,
VS
D95AU230
20
µA
GND
PIN: BASSO-L, BASSO-R, NETW1
(*)
VS
D95AU232
20
µA
BASS-LI,BASS-RI,MIDDLE-LI,MIDDLE-RI
GND
(*) 45K : Bass
25K : MIDDLE
PIN: BASS-LO,BASS-RO,MIDDLE-LO, MIDDLE-RO,
TDA7464
18/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com