Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1202LB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1202LB
Description  Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1202LB Datasheet(HTML) 2 Page - Vishay Siliconix

  1202LB Datasheet HTML 1Page - Vishay Siliconix 1202LB Datasheet HTML 2Page - Vishay Siliconix 1202LB Datasheet HTML 3Page - Vishay Siliconix 1202LB Datasheet HTML 4Page - Vishay Siliconix 1202LB Datasheet HTML 5Page - Vishay Siliconix 1202LB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1202
Vishay Foil Resistors
Bulk Metal® Foil Technology Precision Trimming
Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to
Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63055
2
Revision: 13-Nov-07
FIGURE 1 - SCHEMATIC AND DIMENSIONS in inches (millimeters)
TOLERANCES
A = ± 0.005" (0.13 mm)
B = ± 0.003" (0.08 mm)
C = ± 0.010" (0.25 mm)
Note
1. Pin leads are gold plated nickel which are solderable or weldable.
STANDARD MARKING ILLUSTRATION
0.125"
(3.18 mm) A
0.070" (1.78 mm) C
0.700"
(17.78 mm) C
1.000" (25.40 mm) C
0.900" (22.86 mm) C
0.235"
(5.97 mm) C
0.260"
(6.60 mm) C
0.125" (3.18 mm) A
0.093" (2.36 mm) DIA (A)
2 Mtg. Holes
Slot 0.025" (0.64 mm) W x
0.031" (0.79 mm) DP (A)
Schematic
1.250" (31.75 mm) C
0.125"
(3.18 mm) DIA (A)
0.195"
(4.95 mm) A
0.325"
(8.26 mm) A
0.500"
(12.70 mm) C
0.028" (0.71 mm) DIA (B)
3 Pin Type Leads
13
2
2
3
1
CW
1202P
(In-Line Pins)1)
0.125"
(3.18 mm) A
0.070" (1.78 mm) C
0.300"
(7.62 mm) C
1.000" (25.40 mm) C
0.700" (17.78 mm) C
0.235"
(5.97 mm) C
0.265"
(6.73 mm) C
0.125" (3.18 mm) A
0.093" (2.36 mm) DIA (A)
2 Mtg. Holes
Slot 0.025" (0.64 mm) W x
0.031" (0.79 mm) DP (A)
Schematic
2
3
1
CW
1.250" (31.75 mm) C
0.125"
(3.18 mm) DIA (A)
0.195"
(4.95 mm) A
0.325"
(8.26 mm) A
0.500"
(12.70 mm) C
0.028" (0.71 mm) DIA (B)
3 Pin Type Leads
0.100"
(2.54 mm) C
1
2
3
1202Y
(Staggered Pins)1)
Model No., Resistance Value,
Tolerance, TCR
Schematic
2
3
1
CW
Vishay Date Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com