Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7503 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7503
Description  DUAL DSP PLUS MICRO FOR AUDIO APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7503 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7503 Datasheet HTML 18Page - STMicroelectronics TDA7503 Datasheet HTML 19Page - STMicroelectronics TDA7503 Datasheet HTML 20Page - STMicroelectronics TDA7503 Datasheet HTML 21Page - STMicroelectronics TDA7503 Datasheet HTML 22Page - STMicroelectronics TDA7503 Datasheet HTML 23Page - STMicroelectronics TDA7503 Datasheet HTML 24Page - STMicroelectronics TDA7503 Datasheet HTML 25Page - STMicroelectronics TDA7503 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
DSP1
$0000
X-Space
P-Space
$FFFF
X-RAM
P-RAM
X-ROM
Not Accessible Not Accessible
Y-Space
Y-RAM
Y-ROM
Not Accessible
Boot-Space
Not Accessible
Boot-ROM
$04FF
$0500
$003F
$00FF
$FFC0
$0040
$01FF
$0200
$0100
$FFBF
DSP0
$0000
X-Space
P-Space
$FFFF
X-RAM
P-RAM
X-ROM
Not Accessible Not Accessible
X-Peripherals
Y-Space
Y-RAM
Y-ROM
Not Accessible
Boot-Space
Not Accessible
Boot-ROM
$003F
$00FF
$FFC0
$0040
$02FF
$0300
$0100
$FFBF
$01FF
$0200
X-Peripherals
Figure 20. DSP1 and DSP0 Memory Spaces.
Transmit and Receive Interrupt Logic triggers
on Left/Right data pairs
Receive and Transmit Data Registers have
two locations to hold left and right data.
Synchronous Serial Interface (SSI)
The SSI is used for communication with devices
with a conventional serial interface (not I2S ste-
reo serial audio interface). The SSI shares some
pins with the SAI. When the SSI is activated,
some of the SAI pins are switched from the SAI
to the SSI. The SAI and SSI can operate in paral-
lel.
The features of the SSI are listed below.
Slave operating mode, FSYNC and SSISCK
are inputs.
Data sizes of 8, 16, and 24 bits are supported.
Frame Sync (FSYNC) and SCK (SSISCK) sig-
nals connected to both the receiver and trans-
mitter.
Normal mode or Network mode possible.
XCHG Interface (DSP to DSP Exchange Inter-
face)
The Exchange Interface peripheral provides bidi-
rectional communication between DSP0 and
DSP1. Both 24 bit word data and four bit Flag
data can be exchanged. A FIFO is utilized for re-
ceived data. It minimizes the number of times an
Exchange Interrupt Service Routine would have
to be called if multi-word blocks of data were to
be received. The Transmit FIFO is in effect the
Receive FIFO of the other DSP and is written di-
rectly by the transmitting DSP. The features of
the XCHG are listed below.
10 Word XCHG Receive FIFO on both DSPs
Four Flags for each XCHG for DSP to DSP
signaling
Condition flags can optionally trigger interrupts
on both DSPs
Host Interface(HI)
The DSPs communicate with the 8051 through
the Host Interface. There is a separate HI for
each of the DSPs. Two Host Interfaces are in-
cluded. HI0 for Host to DSP0 communication,
and HI1 for Host to DSP1 communication. The
TDA7503
22/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com