Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTC3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CTC3
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CTC3 Datasheet(HTML) 6 Page - Vishay Siliconix

  CTC3 Datasheet HTML 1Page - Vishay Siliconix CTC3 Datasheet HTML 2Page - Vishay Siliconix CTC3 Datasheet HTML 3Page - Vishay Siliconix CTC3 Datasheet HTML 4Page - Vishay Siliconix CTC3 Datasheet HTML 5Page - Vishay Siliconix CTC3 Datasheet HTML 6Page - Vishay Siliconix CTC3 Datasheet HTML 7Page - Vishay Siliconix CTC3 Datasheet HTML 8Page - Vishay Siliconix CTC3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 40112
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 14-May-08
53
793DX-793DE-CTC3-CTC4
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, CECC Approved
Vishay Sprague
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DC
LEAKAGE
at + 25 °C
(µA)
MAX. DF
at + 25 °C
(%)
MAX. ESR
at + 25 °C
100 kHz (
Ω)
IMPEDANCE
(Z)
at + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
35 VDC at + 85 °C, 23 VDC at + 125 °C
0.10
A
793DX104(1)035A(2)
0.5
4
20
28.0
0.06
0.10
A
793DE104(1)035A(2)
0.5
4
20
28.0
0.06
0.10
A
CTC3104(1)035A(2)
0.5
4
20
28.0
0.06
0.10
A
CTC4104(1)035A(2)
0.5
4
20
28.0
0.06
0.15
A
793DX154(1)035A(2)
0.5
4
18
23.0
0.07
0.15
A
793DE154(1)035A(2)
0.5
4
18
23.0
0.07
0.15
A
CTC3154(1)035A(2)
0.5
4
18
23.0
0.07
0.15
A
CTC4154(1)035A(2)
0.5
4
18
23.0
0.07
0.22
A
793DX224(1)035A(2)
0.5
4
15
19.0
0.07
0.22
A
793DE224(1)035A(2)
0.5
4
15
19.0
0.07
0.22
A
CTC3224(1)035A(2)
0.5
4
15
19.0
0.07
0.22
A
CTC4224(1)035A(2)
0.5
4
15
19.0
0.07
0.33
A
793DX334(1)035A(2)
0.5
4
13
15.0
0.08
0.33
A
793DE334(1)035A(2)
0.5
4
13
15.0
0.08
0.33
A
CTC3334(1)035A(2)
0.5
4
13
15.0
0.08
0.33
A
CTC4334(1)035A(2)
0.5
4
13
15.0
0.08
0.47
B
793DX474(1)035B(2)
0.5
4
10
11.0
0.09
0.47
B
793DE474(1)035B(2)
0.5
4
10
11.0
0.09
0.47
B
CTC3474(1)035B(2)
0.5
4
10
11.0
0.09
0.47
B
CTC4474(1)035B(2)
0.5
4
10
11.0
0.09
0.68
B
793DX684(1)035B(2)
0.5
4
6.5
8.0
0.11
0.68
B
793DE684(1)035B(2)
0.5
4
6.5
8.0
0.11
0.68
B
CTC3684(1)035B(2)
0.5
4
6.5
8.0
0.11
0.68
B
CTC4684(1)035B(2)
0.5
4
6.5
8.0
0.11
1.0
B
793DX105(1)035B(2)
0.5
4
5.0
7.0
0.13
1.0
B
793DE105(1)035B(2)
0.5
4
5.0
7.0
0.13
1.0
B
CTC3105(1)035B(2)
0.5
4
5.0
7.0
0.13
1.0
B
CTC4105(1)035B(2)
0.5
4
5.0
7.0
0.13
1.5
C
793DX155(1)035C(2)
0.5
6
3.8
6.0
0.17
1.5
C
793DE155(1)035C(2)
0.5
6
3.8
6.0
0.17
1.5
C
CTC3155(1)035C(2)
0.5
6
3.8
6.0
0.17
1.5
C
CTC4155(1)035C(2)
0.5
6
3.8
6.0
0.17
2.2
C
793DX225(1)035C(2)
0.8
6
2.9
4.0
0.20
2.2
C
793DE225(1)035C(2)
0.8
6
2.9
4.0
0.20
2.2
C
CTC3225(1)035C(2)
0.8
6
2.9
4.0
0.20
2.2
C
CTC4225(1)035C(2)
0.8
6
2.9
4.0
0.20
3.3
C
793DX335(1)035C(2)
1.2
6
2.1
3.0
0.23
3.3
C
793DE335(1)035C(2)
1.2
6
2.1
3.0
0.23
3.3
C
CTC3335(1)035C(2)
1.2
6
2.1
3.0
0.23
3.3
C
CTC4335(1)035C(2)
1.2
6
2.1
3.0
0.23
4.7
D
793DX475(1)035D(2)
1.6
6
1.3
1.8
0.34
4.7
D
793DE475(1)035D(2)
1.6
6
1.3
1.8
0.34
4.7
D
CTC3475(1)035D(2)
1.6
6
1.3
1.8
0.34
4.7
D
CTC4475(1)035D(2)
1.6
6
1.3
1.8
0.34
6.8
D
793DX685(1)0035D(2)
2.4
6
1.1
1.5
0.37
6.8
D
793DE685(1)0035D(2)
2.4
6
1.1
1.5
0.37
6.8
D
CTC3685(1)0035D(2)
2.4
6
1.1
1.5
0.37
6.8
D
CTC4685(1)0035D(2)
2.4
6
1.1
1.5
0.37
10
D
793DX106(1)035D(2)
3.5
6
0.8
1.2
0.43
10
D
793DE106(1)035D(2)
3.5
6
0.8
1.2
0.43
10
D
CTC3106(1)035D(2)
3.5
6
0.8
1.2
0.43
10
D
CTC4106(1)035D(2)
3.5
6
0.8
1.2
0.43
Notes:
• (1) Tolerance: X0, X9
• (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com