Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTC4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CTC4
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CTC4 Datasheet(HTML) 3 Page - Vishay Siliconix

  CTC4 Datasheet HTML 1Page - Vishay Siliconix CTC4 Datasheet HTML 2Page - Vishay Siliconix CTC4 Datasheet HTML 3Page - Vishay Siliconix CTC4 Datasheet HTML 4Page - Vishay Siliconix CTC4 Datasheet HTML 5Page - Vishay Siliconix CTC4 Datasheet HTML 6Page - Vishay Siliconix CTC4 Datasheet HTML 7Page - Vishay Siliconix CTC4 Datasheet HTML 8Page - Vishay Siliconix CTC4 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
793DX-793DE-CTC3-CTC4
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, CECC Approved
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40112
50
Revision: 14-May-08
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DC
LEAKAGE
at + 25 °C
(µA)
MAX. DF
at + 25 °C
(%)
MAX. ESR
at + 25 °C
100 kHz (
Ω)
IMPEDANCE
(Z)
at + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
4 VDC at + 85 °C, 2.7 VDC at + 125 °C
3.3
A
793DX335(1)004A(2)
0.5
6
7.6
9.0
0.10
3.3
A
793DE335(1)004A(2)
0.5
6
7.6
9.0
0.10
3.3
A
CTC3335(1)004A(2)
0.5
6
7.6
9.0
0.10
3.3
A
CTC4335(1)004A(2)
0.5
6
7.6
9.0
0.10
4.7
A
793DE475(1)004A(2)
0.5
6
6.3
8.0
0.11
10
B
793DX106(1)004B(2)
0.5
6
3.5
4.5
0.12
10
B
793DE106(1)004B(2)
0.5
6
3.5
4.5
0.12
10
B
CTC3106(1)004B(2)
0.5
6
3.5
4.5
0.12
10
B
CTC4106(1)004B(2)
0.5
6
3.5
4.5
0.12
15
B
793DE156(1)004B(2)
0.6
6
2.9
3.8
0.17
33
C
793DX336(1)004C(2)
1.3
6
1.8
2.4
0.25
33
C
793DE336(1)004C(2)
1.3
6
1.8
2.4
0.25
33
C
CTC3336(1)004C(2)
1.3
6
1.8
2.4
0.25
33
C
CTC4336(1)004C(2)
1.3
6
1.8
2.4
0.25
68
D
793DX686(1)004D(2)
2.7
6
0.8
1.3
0.43
68
D
793DE686(1)004D(2)
2.7
6
0.8
1.3
0.43
68
D
CTC3686(1)004D(2)
2.7
6
0.8
1.3
0.43
68
D
CTC4686(1)004D(2)
2.7
6
0.8
1.3
0.43
100
D
793DX107(1)004D(2)
4.0
6
0.7
1.0
0.46
100
D
793DE107(1)004D(2)
4.0
6
0.7
1.0
0.46
100
D
CTC3107(1)004D(2)
4.0
6
0.7
1.0
0.46
100
D
CTC4107(1)004D(2)
4.0
6
0.7
1.0
0.46
6.3 VDC at + 85 °C, 4 VDC at + 125 °C
2.2
A
793DX225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
2.2
A
793DE225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
2.2
A
CTC3225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
2.2
A
CTC4225(1)6R3A(2)
0.5
6
7.6
10.0
0.10
3.3
A
793DE335(1)6R3A(2)
0.5
6
6.3
8.0
0.11
6.8
B
793DX685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
6.8
B
793DE685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
6.8
B
CTC3685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
6.8
B
CTC4685(1)6R3B(2)
0.5
6
3.4
4.5
0.16
10
B
793DE106(1)6R3B(2)
0.6
6
2.9
3.8
0.17
22
C
793DX226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
22
C
793DE226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
22
C
CTC3226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
22
C
CTC4226(1)6R3C(2)
1.3
6
1.8
2.4
0.25
47
D
793DX476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
47
D
793DE476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
47
D
CTC3476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
47
D
CTC4476(1)6R3D(2)
2.8
6
0.8
1.3
0.43
68
D
793DX686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
68
D
793DE686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
68
D
CTC3686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
68
D
CTC4686(1)6R3D(2)
4.1
6
0.7
1.0
0.46
Notes:
• (1) Tolerance: X0, X9
• (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com