Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

893D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 893D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

893D Datasheet(HTML) 3 Page - Vishay Siliconix

  893D Datasheet HTML 1Page - Vishay Siliconix 893D Datasheet HTML 2Page - Vishay Siliconix 893D Datasheet HTML 3Page - Vishay Siliconix 893D Datasheet HTML 4Page - Vishay Siliconix 893D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
893D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40008
62
Revision: 08-Feb-08
Notes:
(1) Capacitance tolerance: Specify “X9” for 10 % and “X0” for 20 %
(2) Termination and packaging: Specify 2TE3 or 2WE3 for lead (Pb)-free and 8T or 8W for Tin/Lead
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
4 VDC AT + 85 °C, 2.7 VDC AT + 125 °C
68
C
893D686(1)004C(2)
2.7
6
1.4
0.28
100
C
893D107(1)004C(2)
4.0
8
0.8
0.37
150
D
893D157(1)004D(2)
6.0
8
0.6
0.50
220
D
893D227(1)004D(2)
8.8
8
0.6
0.50
330
D
893D337(1)004D(2)
13.2
15
0.6
0.50
330
E
893D337(1)004E(2)
13.2
8
0.5
0.57
470
E
893D477(1)004E(2)
18.8
16
0.5
0.57
6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C
15
C
893D156(1)6R3C(2)
0.9
6
1.8
0.25
22
C
893D226(1)6R3C(2)
1.1
6
1.8
0.25
33
C
893D336(1)6R3C(2)
1.6
6
1.4
0.28
47
C
893D476(1)6R3C(2)
2.3
6
1.3
0.29
47
D
893D476(1)6R3D(2)
2.3
6
0.9
0.41
68
C
893D686(1)6R3C(2)
3.3
6
0.8
0.37
68
D
893D686(1)6R3D(2)
3.3
6
0.7
0.46
100
D
893D107(1)6R3D(2)
4.8
8
0.7
0.46
100
E
893D107(1)6R3E(2)
6.0
8
0.7
0.49
150
D
893D157(1)6R3D(2)
9.0
8
0.6
0.50
220
D
893D227(1)6R3D(2)
13.2
8
0.6
0.50
220
E
893D227(1)6R3E(2)
13.2
8
0.5
0.57
330
E
893D337(1)6R3E(2)
19.8
8
0.5
0.57
10 VDC AT + 85 °C, 7 VDC AT + 125 °C
10
C
893D106(1)010C(2)
1.0
6
1.8
0.25
15
C
893D156(1)010C(2)
1.5
6
1.8
0.25
22
C
893D226(1)010C(2)
2.2
6
1.4
0.28
33
C
893D336(1)010C(2)
3.3
6
1.3
0.29
33
D
893D336(1)010D(2)
3.3
6
0.9
0.41
47
C
893D476(1)010C(2)
4.7
6
1.0
0.33
47
D
893D476(1)010D(2)
4.7
6
0.7
0.46
68
D
893D686(1)010D(2)
6.8
6
0.7
0.46
68
E
893D686(1)010E(2)
6.8
6
0.7
0.49
100
D
893D107(1)010D(2)
10
8
0.6
0.50
150
D
893D157(1)010D(2)
15.0
8
0.6
0.50
150
E
893D157(1)010D(2)
15.0
8
0.5
0.57
220
E
893D227(1)010E(2)
22
8
0.5
0.57
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
6.8
C
893D685(1)016C(2)
1.1
6
2.0
0.23
10
C
893D106(1)016C(2)
1.6
6
1.8
0.25
15
C
893D156(1)016C(2)
2.4
6
1.4
0.28
22
C
893D226(1)016C(2)
3.5
6
1.3
0.29
22
D
893D226(1)016D(2)
3.5
6
0.9
0.41
33
C
893D336(1)016C(2)
5.3
6
1.0
0.33
33
D
893D336(1)016D(2)
5.3
6
0.7
0.46
47
D
893D476(1)016D(2)
7.5
6
0.7
0.46
47
E
893D476(1)016E(2)
7.5
6
0.7
0.49
68
D
893D686(1)016D(2)
10.9
6
0.6
0.50
100
E
893D107(1)016E(2)
16
8
0.6
0.52



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com