Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7560 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7560
Description  4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7560 Datasheet HTML 1Page - STMicroelectronics TDA7560 Datasheet HTML 2Page - STMicroelectronics TDA7560 Datasheet HTML 3Page - STMicroelectronics TDA7560 Datasheet HTML 4Page - STMicroelectronics TDA7560 Datasheet HTML 5Page - STMicroelectronics TDA7560 Datasheet HTML 6Page - STMicroelectronics TDA7560 Datasheet HTML 7Page - STMicroelectronics TDA7560 Datasheet HTML 8Page - STMicroelectronics TDA7560 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TDA7560
4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
PRODUCT PREVIEW
SUPERIOR OUTPUT POWER CAPABILITY:
4 x 50W/4
Ω MAX.
4 x 45W/4
Ω EIAJ
4 x 30W/4
Ω @ 14.4V, 1KHz, 10%
4 x 80W/2
Ω MAX.
4 x 77W/2
Ω EIAJ
4 x 55W/2
Ω @ 14.4V, 1KHz, 10%
EXCELLENT 2
Ω DRIVING CAPABILITY
HI-FI CLASS DISTORTION
LOW OUTPUT NOISE
ST-BY FUNCTION
MUTE FUNCTION
AUTOMUTE AT MIN. SUPPLY VOLTAGE DE-
TECTION
LOW EXTERNAL COMPONENT COUNT:
– INTERNALLY FIXED GAIN (26dB)
– NO EXTERNAL COMPENSATION
– NO BOOTSTRAP CAPACITORS
ON BOARD 0.35A HIGH SIDE DRIVER
PROTECTIONS:
OUTPUT SHORT CIRCUIT TO GND, TO VS,
ACROSS THE LOAD
VERY INDUCTIVE LOADS
OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
LOAD DUMP VOLTAGE
FORTUITOUS OPEN GND
REVERSED BATTERY
ESD
DESCRIPTION
The TDA7560 is a breakthrough BCD (Bipolar /
CMOS / DMOS) technology class AB Audio
Power Amplifier in Flexiwatt 25 package designed
for high power car radio
The fully complementary P-Channel/N-Channel
output structure allows a rail to rail output voltage
swing which, combined with high output current
and minimised saturation losses sets new power
references in the car-radio field, with unparal-
leled distortion performances.
This is preliminary information on a new product now in development. Details are subject to change without notice.
November 1999
®
ORDERING NUMBER: TDA7560
IN1
0.1
µF
MUTE
ST-BY
IN2
0.1
µF
OUT1+
OUT1-
OUT2+
OUT2-
PW-GND
IN3
0.1
µF
IN4
0.1
µF
OUT3+
OUT3-
OUT4+
OUT4-
PW-GND
PW-GND
PW-GND
D94AU158B
AC-GND
0.47
µF47µF
SVR
TAB
S-GND
Vcc1
Vcc2
100nF
470
µF
HSD
HSD
BLOCK AND APPLICATION DIAGRAM
FLEXIWATT25
MULTIPOWER BCD TECHNOLOGY
MOSFET OUTPUT POWER STAGE
1/10


Similar Part No. - TDA7560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7560 STMICROELECTRONICS-TDA7560 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
TDA7560H STMICROELECTRONICS-TDA7560H Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_05 Datasheet
277Kb / 11P
4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Feb-2005
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
More results

Similar Description - TDA7560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
4 x 45W quad bridge car radio amplifier
20-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7560 STMICROELECTRONICS-TDA7560_05 Datasheet
277Kb / 11P
4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Feb-2005
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com