Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP2136 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP2136
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP2136 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP2136 Datasheet HTML 1Page - Vishay Siliconix TSOP2136 Datasheet HTML 2Page - Vishay Siliconix TSOP2136 Datasheet HTML 3Page - Vishay Siliconix TSOP2136 Datasheet HTML 4Page - Vishay Siliconix TSOP2136 Datasheet HTML 5Page - Vishay Siliconix TSOP2136 Datasheet HTML 6Page - Vishay Siliconix TSOP2136 Datasheet HTML 7Page - Vishay Siliconix TSOP2136 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 82094
www.vishay.com
Rev. 2.1, 18-Jul-08
79
IR Receiver Modules for Remote Control Systems
New TSOP21..
Vishay Semiconductors
MECHANICAL DATA
Pinning
1 = OUT, 2 = VS, 3 = GND
FEATURES
• Low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Improved shielding against EMI
• Supply voltage: 2.7 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
DESCRIPTION
The TSOP21.. series are miniaturized receivers for infrared
remote control systems. A PIN diode and a preamplifier are
assembled on a lead frame, the epoxy package acts as an IR
filter.
The demodulated output signal can directly be decoded by a
microprocessor. The main benefit of the TSOP21.. is the
compatibility to all IR remote control data formats.
This component has not been qualified according to
automotive specifications.
BLOCK DIAGRAM
APPLICATION CIRCUIT
16672
1
2
3
e3
PARTS TABLE
CARRIER FREQUENCY
SHORT BURSTS AND HIGH DATA RATES (AGC1)
30 kHz
TSOP2130
33 kHz
TSOP2133
36 kHz
TSOP2136
36.7 kHz
TSOP2137
38 kHz
TSOP2138
40 kHz
TSOP2140
56 kHz
TSOP2156
33 k
Ω
3
2
1
V
S
OUT
Demo-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833_7
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170_7
OUT
The external components R1 and C1 are optional
to improve the robustnes against electrical overstress
(typical values are R1 = 100
Ω, C1 = 0.1 µF).
The output voltage V
O should not be pulled down to a level
below 1 V by the external circuit.
The capacitive load at the output should be less than 2 nF.


Similar Part No. - TSOP2136

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP2136 VISHAY-TSOP2136 Datasheet
2Mb / 8P
Photo Modules for PCM Remote Control Systems
30-Mar-01
TSOP2136MQ1 VISHAY-TSOP2136MQ1 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP2136TE1 VISHAY-TSOP2136TE1 Datasheet
2Mb / 8P
Photo Modules for PCM Remote Control Systems
30-Mar-01
TSOP2136UH1 VISHAY-TSOP2136UH1 Datasheet
2Mb / 8P
Photo Modules for PCM Remote Control Systems
30-Mar-01
TSOP2136YA1 VISHAY-TSOP2136YA1 Datasheet
2Mb / 8P
Photo Modules for PCM Remote Control Systems
30-Mar-01
More results

Similar Description - TSOP2136

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com