Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300192Z Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 300192Z
Description  Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300192Z Datasheet(HTML) 3 Page - Vishay Siliconix

  300192Z Datasheet HTML 1Page - Vishay Siliconix 300192Z Datasheet HTML 2Page - Vishay Siliconix 300192Z Datasheet HTML 3Page - Vishay Siliconix 300192Z Datasheet HTML 4Page - Vishay Siliconix 300192Z Datasheet HTML 5Page - Vishay Siliconix 300192Z Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2R, 3R, 4R (Z-Foil Technology)
Vishay Foil Resistors
Ultra High Precision Z-Foil Voltage Divider and
Network Resistor with TCR Tracking to 0.1 ppm/°C
and Resistance Match to ± 0.005% (50 ppm)
www.vishay.com
For technical questions, contact: foil@vishay.com
Document Number: 63114
3
Revision: 08-Aug-06
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
FIGURE 4 - VISHAY MODEL 300198 NETWORK
FIGURE 5 - MOLDED 2R, 3R, 4R RESISTOR NETWORK DIMENSIONS AND CIRCUIT DESIGN in inches (millimeters)
R1
R4
R2
R3
A
E1
E2
E3
APPLICATION EXAMPLE
23
5
R2
R3
1
R1
4
23
4
R2
R3
1
R1
23
R2
1
R1
12
4
R1
R2
3
1
0.160 Max
(4.06)
23
0.413
(10.49)
Max
0.150
(3.81)
0.250
(6.35)
Tol.: ± 0.010" (0.254mm)
Lead Length 0.750" (19.05mm) Min
0.575 (14.605) Max
0.160 Max
(4.06)
0.413
(10.49)
Max
1
24
0.150
(3.81)
3
0.150
(3.81)
0.100
(2.54)
Tol.: ± 0.010" (0.254mm)
Lead Length 0.750" (19.05mm) Min
0.575 (14.605) Max
Tol.: ± 0.010" (0.254mm)
Lead Length 0.750" (19.05mm) Min
0.820 (20.828) Max
1
0.160 Max
(4.06)
24
0.413
(10.490)
Max
0.150
(3.81)
3
0.250
(6.35)
0.250
(6.35)
0.160 Max
(4.06)
0.413
(10.490)
Max
1
25
0.150
(3.81)
3
0.150
(3.81)
0.250
(6.35)
4
0.100
(2.54)
Tol.: ± 0.010" (0.254mm)
Lead Length 0.750" (19.05mm) Min
0.820 (20.828) Max
MODEL 300190Z (with Z-Foil Technology)
MODEL 300191Z (with Z-Foil Technology)
MODEL 300192Z (with Z-Foil Technology)
MODEL 300193Z (with Z-Foil Technology)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com