Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA06P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRA06P
Description  Thick Film Resistor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRA06P Datasheet(HTML) 2 Page - Vishay Siliconix

  CRA06P Datasheet HTML 1Page - Vishay Siliconix CRA06P Datasheet HTML 2Page - Vishay Siliconix CRA06P Datasheet HTML 3Page - Vishay Siliconix CRA06P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 31047
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
www.vishay.com
Revision: 13-Oct-08
257
CRA06P
Thick Film Resistor Array
Vishay
CIRCUIT
DIMENSIONS
PACKAGING
MODEL
TAPE WIDTH
DIAMETER
PITCH
PIECES
/REEL
PACKAGING CODE
PAPER TAPE
PART NUMBER
PRODUCT DESCRIPTION
CRA06P
8 mm
180 mm/7"
4 mm
5000
TA
RT1
330 mm/13"
4 mm
20 000
TC
RT6
- 55
- 25
0
25
50
75
100
125
155 175
120
100
80
60
40
20
0
70
Derating
Ambient Temperature in °C
03 CIRCUIT
4 pin
8 pin
A
PB
L
w
C
T
c
b
p
a
w
PIN
NO#
DIMENSIONS [in millimeters]
LA
B
C
P
T
W
4
1.60
0.30
0.40
0.40
0.80
0.60
1.60
8
3.20
0.30
0.40
0.40
0.80
0.60
1.60
Tol.
± 0.20 ± 0.20 ± 0.15
± 0.20
-
± 0.10
± 0.15
SOLDER PAD DIMENSIONS [in millimeters]
cw
p
a
b
WAVE
0.8
2.6
0.8
0.4
0.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com