Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP75430 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP75430
Description  IR Receiver Modules for Remote Control Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP75430 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP75430 Datasheet HTML 1Page - Vishay Siliconix TSOP75430 Datasheet HTML 2Page - Vishay Siliconix TSOP75430 Datasheet HTML 3Page - Vishay Siliconix TSOP75430 Datasheet HTML 4Page - Vishay Siliconix TSOP75430 Datasheet HTML 5Page - Vishay Siliconix TSOP75430 Datasheet HTML 6Page - Vishay Siliconix TSOP75430 Datasheet HTML 7Page - Vishay Siliconix TSOP75430 Datasheet HTML 8Page - Vishay Siliconix TSOP75430 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 81806
2
Rev. 1.1, 13-Nov-08
TSOP752.., TSOP754..
Vishay Semiconductors
IR Receiver Modules for
Remote Control Systems
Note
(1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating condtions for extended periods may affect the device reliability.
Note
(1) Tamb = 25 °C, unless otherwise specified
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Output Active Low
Fig. 2 - Pulse Length and Sensitivity in Dark Ambient
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
- 0.3 to + 6.0
V
Supply current
IS
3mA
Output voltage
VO
- 0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Operating temperature range
Tamb
- 30 to + 85
°C
Power consumption
Tamb ≤ 85 °C
Ptot
10
mW
ELECTRICAL AND OPTICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VS
2.5
5.5
V
Supply current
Ev = 0, VS = 3.3 V
ISD
0.27
0.35
0.45
mA
Ev = 40 klx, sunlight
ISH
0.45
mA
Transmission distance
Ev = 0, test signal see fig. 1,
IR diode TSAL6200,
IF = 250 mA
d45
m
Output voltage low
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see fig. 1
VOSL
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee min.
0.15
0.35
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee max.
30
W/m2
Directivity
Angle of half transmission distance
ϕ
1/2
± 50
deg
E e
T
tpi *
t
* tpi
10/f
0 is recommended for optimal function
VO
VOH
VOL
t
16110
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, t = 10 ms)
Output Signal
td1)
tpo2)
1) 7/f0 < td < 15/f0
2)
tpi - 5/f0 < tpo < tpi + 6/f0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.1
1
10
102
103
104
105
E
e - Irradiance (mW/m²)
20752
Input Burst Length
λ = 950 nm,
Optical Test Signal, Fig.1
Output Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com